Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9552D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9552D
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9552D Datasheet HTML 3Page - NXP Semiconductors PCA9552D Datasheet HTML 4Page - NXP Semiconductors PCA9552D Datasheet HTML 5Page - NXP Semiconductors PCA9552D Datasheet HTML 6Page - NXP Semiconductors PCA9552D Datasheet HTML 7Page - NXP Semiconductors PCA9552D Datasheet HTML 8Page - NXP Semiconductors PCA9552D Datasheet HTML 9Page - NXP Semiconductors PCA9552D Datasheet HTML 10Page - NXP Semiconductors PCA9552D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
7 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
6.3.3 PCS0 - Frequency Prescaler 0
PSC0 is used to program the period of the PWM output.
The period of BLINK0 = (PSC0 + 1) / 44.
6.3.4 PWM0 - Pulse Width Modulation 0
The PWM0 register determines the duty cycle of BLINK0. The outputs are LOW (LED off)
when the count is less than the value in PWM0 and HIGH when it is greater. If PWM0 is
programmed with 00h, then the PWM0 output is always LOW.
The duty cycle of BLINK0 = (256
− PWM0) / 256.
6.3.5 PCS1 - Frequency Prescaler 1
PSC1 is used to program the period of the PWM output.
The period of BLINK1 = (PSC1 + 1) / 44.
6.3.6 PWM1 - Pulse Width Modulation 1
The PWM1 register determines the duty cycle of BLINK1. The outputs are LOW (LED off)
when the count is less than the value in PWM1 and HIGH when it is greater. If PWM1 is
programmed with 00h, then the PWM1 output is always LOW.
The duty cycle of BLINK1 = (256
− PWM1) / 256.
Table 6:
PSC0 - Frequency Prescaler 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC0[7]
PSC0[6]
PSC0[5]
PSC0[4]
PSC0[3]
PSC0[2]
PSC0[1]
PSC0[0]
Default
11111111
Table 7:
PWM0 - Pulse Width Modulation 0 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM0
[7]
PWM0
[6]
PWM0
[5]
PWM0
[4]
PWM0
[3]
PWM0
[2]
PWM0
[1]
PWM0
[0]
Default
10000000
Table 8:
PSC1 - Frequency Prescaler 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PSC1[7]
PSC1[6]
PSC1[5]
PSC1[4]
PSC1[3]
PSC1[2]
PSC1[1]
PSC1[0]
Default
11111111
Table 9:
PWM1 - Pulse Width Modulation 1 register description
Bit
7
6
5
4
3
2
1
0
Symbol
PWM1
[7]
PWM1
[6]
PWM1
[5]
PWM1
[4]
PWM1
[3]
PWM1
[2]
PWM1
[1]
PWM1
[0]
Default
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com