Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9560 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9560
Description  Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9560 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9560 Datasheet HTML 9Page - NXP Semiconductors PCA9560 Datasheet HTML 10Page - NXP Semiconductors PCA9560 Datasheet HTML 11Page - NXP Semiconductors PCA9560 Datasheet HTML 12Page - NXP Semiconductors PCA9560 Datasheet HTML 13Page - NXP Semiconductors PCA9560 Datasheet HTML 14Page - NXP Semiconductors PCA9560 Datasheet HTML 15Page - NXP Semiconductors PCA9560 Datasheet HTML 16Page - NXP Semiconductors PCA9560 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9560
Dual 5-bit multiplexed 1-bit latched
I2C EEPROM DIP switch
2004 May 19
13
tSP
tBUF
tHD;STA
P
P
S
tLOW
tR
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
SU00645
Figure 12. Definition of timing
MUX INPUT
VM
VM
VM
MUX OUTPUT
VOL
tPHL
tPLZ
VOL + 0.3 V
SW00500
VO
Figure 13. Open drain output enable and disable times
DEFINITIONS
RL = Load resistor; 1 kΩ
CL = Load capacitance includes jig and probe capacitance;
10 pF
RT = Termination resistance should be equal to ZOUT of
pulse generators.
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for Open Drain Outputs
RT
SW00510
VO
Figure 14. Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com