Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9561 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9561
Description  Quad 6-bit multiplexed I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9561 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9561 Datasheet HTML 1Page - NXP Semiconductors PCA9561 Datasheet HTML 2Page - NXP Semiconductors PCA9561 Datasheet HTML 3Page - NXP Semiconductors PCA9561 Datasheet HTML 4Page - NXP Semiconductors PCA9561 Datasheet HTML 5Page - NXP Semiconductors PCA9561 Datasheet HTML 6Page - NXP Semiconductors PCA9561 Datasheet HTML 7Page - NXP Semiconductors PCA9561 Datasheet HTML 8Page - NXP Semiconductors PCA9561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9561
Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
4
DEVICE ADDRESS
Following a START condition the bus master must output the
address of the slave it is accessing. The address of the PCA9561 is
shown in Figure 1. To conserve power, no internal pull-up resistors
are incorporated on the hardware selectable address pins and they
must be pulled HIGH or LOW.
The last bit of the slave address byte defines the operation to be
performed. When set to logic 1 a read is selected while a logic 0
selects a write operation.
0
0
1
A1
A0
R/W
11
SW00955
MSB
LSB
FIXED
PROGRAMMABLE
Figure 1. Slave address
CONTROL REGISTER
Following the successful acknowledgement of the slave address,
the bus master will send a byte to the PCA9561, which will be stored
in the control register. This register can be written and read via the
I2C-bus.
SW00954
D7
D6
D5
D4
D3
D2
D1
D0
Figure 2. Control Register
CONTROL REGISTER DEFINITION
Following the address and acknowledge bit with logic 0 in the read/write bit, the first byte written is the command byte. If the command byte is
reserved and therefore not valid, it will not be acknowledged. Only valid command bytes will be acknowledged.
Table 1. Register Addresses
D7
D6
D5
D4
D3
D2
D1
D0
REGISTER
NAME
TYPE
REGISTER
FUNCTION
0
0
0
0
0
0
0
0
EEPROM 0
Read/Write
EEPROM byte 0
register
0
0
0
0
0
0
0
1
EEPROM 1
Read/Write
EEPROM byte 1
register
0
0
0
0
0
0
1
0
EEPROM 2
Read/Write
EEPROM byte 2
register
0
0
0
0
0
0
1
1
EEPROM 3
Read/Write
EEPROM byte 3
register
1
1
1
1
1
1
1
1
MUX_IN
Read
MUX_IN values
register
Table 2. Commands
D7
D6
D5
D4
D3
D2
D1
D0
COMMAND
1
1
1
1
1
0
0
0
MUX_OUT from EEPROM byte 0
1
1
1
1
1
1
0
0
MUX_OUT from EEPROM byte 1
1
1
1
1
1
0
X
1
MUX_OUT from EEPROM byte 2
1
1
1
1
1
1
X
1
MUX_OUT from EEPROM byte 3
1
1
1
1
1
X
1
0
MUX_OUT from MUX_IN
1
1
1
1
1
X
X
1
MUX_OUT from MUX_SELECT2
NOTE:
1. All other combinations are reserved.
2. MUX_SELECT pins select between MUX_IN and EEPROM to MUX_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com