Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9561D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9561D
Description  Quad 6-bit multiplexed I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9561D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9561D Datasheet HTML 1Page - NXP Semiconductors PCA9561D Datasheet HTML 2Page - NXP Semiconductors PCA9561D Datasheet HTML 3Page - NXP Semiconductors PCA9561D Datasheet HTML 4Page - NXP Semiconductors PCA9561D Datasheet HTML 5Page - NXP Semiconductors PCA9561D Datasheet HTML 6Page - NXP Semiconductors PCA9561D Datasheet HTML 7Page - NXP Semiconductors PCA9561D Datasheet HTML 8Page - NXP Semiconductors PCA9561D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9561
Quad 6-bit multiplexed I2C EEPROM DIP switch
2
2004 May 17
FEATURES
• Selection of non-volatile register_n as source to MUX_OUT pins
via I2C-bus
• I2C-bus can override MUX_SELECT pin in selecting output
source
• 6-bit 5-to-1 multiplexer DIP switch
• 4 internal non-volatile registers
• Internal non-volatile registers programmable and readable via
I2C-bus
• 6 open drain multiplexed outputs
• 400 kHz maximum clock frequency
• Operating supply voltage 3.0 V to 3.6 V
• 5 V and 2.5 V tolerant inputs/outputs
• Useful for Speed Step® configuration of laptop
• 2 address pins, allowing up to 4 devices on the I2C-bus
• MUX_IN values readable via I2C-bus
• ESD protection exceeds 200 V HBM per JESD22-A114, 200 V
MM per JESD22-A115, and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA.
DESCRIPTION
The PCA9561 is a 20-pin CMOS device consisting of four 6-bit
non-volatile EEPROM registers, 6 hardware pin inputs and a 6-bit
multiplexed output. It is used for DIP switch-free or jumper-less
system configuration and supports Mobile and Desktop VID
Configuration, where 5 preset values (4 sets of internal non-volatile
registers and 1 set of external hardware pins) set processor voltage
for operation in various performance or battery conservation sleep
modes. The PCA9561 is also useful in server and
telecom/networking applications when used to replace DIP switches
or jumpers, since the settings can be easily changed via I2C/SMBus
without having to power down the equipment to open the cabinet.
The non-volatile memory retains the most current setting selected
before the power is turned off.
The PCA9561 typically resides between the CPU and Voltage
Regulator Module (VRM) when used for CPU VID (Voltage
IDentification code) configuration. It is used to bypass the
CPU-defined VID values and provide a different set of VID values to
the VRM, if an increase in the CPU voltage is desired. An increase
in CPU voltage combined with an increase in CPU frequency leads
to a performance boost of up to 7.5%. Lower CPU voltage reduces
power consumption. The main advantage of the PCA9561 over
older devices, such as the PCA9559 or PCA9560, is that it contains
four internal non-volatile EEPROM registers instead of just one or
two, allowing five independent settings which allows a more
accurate CPU voltage tuning depending on specific applications.
The PCA9561 has 2 address pins, allowing up to 4 devices to be
placed on the same I2C-bus or SMBus.
PIN CONFIGURATION
SW00823
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
SCL
SDA
A0
MUX_IN_A
MUX_IN_B
MUX_IN_C
MUX_IN_D
MUX_IN_E
MUX_IN_F
GND
VDD
WP
A1
MUX_OUT_A
MUX_OUT_B
MUX_OUT_C
MUX_OUT_D
MUX_OUT_F
MUX_OUT_E
MUX_SELECT
10
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
I2C SCL
Serial I2C-bus clock
2
I2C SDA
Serial bi-directional I2C-bus data
3
A0
A0 address
4–9
MUX_IN_A–F
External inputs to multiplexer
10
GND
Ground
11
MUX_SELECT
Selects MUX_IN inputs or register
contents for MUX_OUT outputs
12–17
MUX_OUT_F–A
Open drain multiplexed outputs
18
A1
A1 address
19
WP
Non-volatile register write-protect
20
VDD
Power supply: +3.0 to +3.6 V
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
20-Pin Plastic SO
–40 to +85
°C
PCA9561D
PCA9561D
SOT163-1
20-Pin Plastic TSSOP
–40 to +85
°C
PCA9561PW
PCA9561
SOT360-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
® Speed Step is a registered trademark of Intel Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com