Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9564D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9564D
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9564D Datasheet HTML 9Page - NXP Semiconductors PCA9564D Datasheet HTML 10Page - NXP Semiconductors PCA9564D Datasheet HTML 11Page - NXP Semiconductors PCA9564D Datasheet HTML 12Page - NXP Semiconductors PCA9564D Datasheet HTML 13Page - NXP Semiconductors PCA9564D Datasheet HTML 14Page - NXP Semiconductors PCA9564D Datasheet HTML 15Page - NXP Semiconductors PCA9564D Datasheet HTML 16Page - NXP Semiconductors PCA9564D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
13
Table 4.
Slave Receiver Mode
STATUS
STATUS OF THE
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
(I2CSTA)
STATUS OF THE
I2C BUS AND
SIO HARDWARE
TO/FROM I2CDAT
TO I2CCON
NEXT ACTION TAKEN BY SIO HARDWARE
(I2CSTA)
SIO HARDWARE
TO/FROM I2CDAT
STA
STO
SI
AA
60H
Own SLA+W has
been received; ACK
hb
d
No I2CDAT action
or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
has been returned
no I2CDAT action
X
X
0
1
Data byte will be received and ACK will be returned
68H
Arbitration lost in
SLA+R/W as master;
Own SLA+W has
No I2CDAT action
or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
been received, ACK
returned
no I2CDAT action
X
X
0
1
Data byte will be received and ACK will be returned
80H
Previously addressed
with own SLV
address; DATA has
Read data byte or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
been received; ACK
has been returned
read data byte
X
X
0
1
Data byte will be received and ACK will be returned
88H
Previously addressed
with own SLA; DATA
bh
b
Read data byte or
0
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA
byte has been
received; NOT ACK
has been returned
read data byte or
0
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized
has been returned
read data byte or
1
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA. A START condition will be transmitted
when the bus becomes free
read data byte
1
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized. A START condition will be transmitted
when the bus becomes free.
A0H
A STOP condition or
repeated START
di i
h
b
No I2CDAT action
or
0
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA
condition has been
received while still
addressed as
No I2CDAT action
or
0
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized
addressed as
SLV/REC
No I2CDAT action
or
1
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA. A START condition will be transmitted
when the bus becomes free
No I2CDAT action
1
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized. A START condition will be transmitted
when the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com