Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8574
Description  Remote 8-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8574 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8574_02 Datasheet HTML 5Page - NXP Semiconductors PCF8574_02 Datasheet HTML 6Page - NXP Semiconductors PCF8574_02 Datasheet HTML 7Page - NXP Semiconductors PCF8574_02 Datasheet HTML 8Page - NXP Semiconductors PCF8574_02 Datasheet HTML 9Page - NXP Semiconductors PCF8574_02 Datasheet HTML 10Page - NXP Semiconductors PCF8574_02 Datasheet HTML 11Page - NXP Semiconductors PCF8574_02 Datasheet HTML 12Page - NXP Semiconductors PCF8574_02 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2002 Nov 22
9
Philips Semiconductors
Product specification
Remote 8-bit I/O expander for I2C-bus
PCF8574
7
FUNCTIONAL DESCRIPTION
Fig.9 Simplified schematic diagram of each I/O.
handbook, full pagewidth
MBD977
DQ
CI
S
FF
DQ
CI
S
FF
100
µA
to interrupt
logic
VSS
P0 to P7
VDD
write pulse
data from
shift register
power-on
reset
read pulse
data to
shift register
7.1
Addressing
For addressing see Figs 10, 11 and 12.
Fig.10 PCF8574 and PCF8574A slave addresses.
handbook, full pagewidth
MBD973
S
0
1
0
0
A2
A1
A0
0
A
1
0
slave address
slave address
A
S
0
1
1
A2
A1
A0
a. PCF8574.
b. PCF8574A.
Each of the PCF8574’s eight I/Os can be independently used as an input or output. Input data is transferred from the
port to the microcontroller by the READ mode (see Fig.12). Output data is transmitted to the port by the WRITE mode
(see Fig.11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com