Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8578T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8578T
Description  LCD row/column driver for dot matrix graphic displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8578T Datasheet HTML 9Page - NXP Semiconductors PCF8578T Datasheet HTML 10Page - NXP Semiconductors PCF8578T Datasheet HTML 11Page - NXP Semiconductors PCF8578T Datasheet HTML 12Page - NXP Semiconductors PCF8578T Datasheet HTML 13Page - NXP Semiconductors PCF8578T Datasheet HTML 14Page - NXP Semiconductors PCF8578T Datasheet HTML 15Page - NXP Semiconductors PCF8578T Datasheet HTML 16Page - NXP Semiconductors PCF8578T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
2003 Apr 14
13
Philips Semiconductors
Product specification
LCD row/column driver for
dot matrix graphic displays
PCF8578
Fig.8 LCD drive mode waveforms for 1 : 16 multiplex rate.
MSA836
VDD
V2
V
V
V
V
3
4
5
LCD
T frame
ROW 1
R1 (t)
VDD
V2
V
V
V
V
3
4
5
LCD
ROW 2
R2 (t)
VDD
V2
V
V
V
V
3
4
5
LCD
COL 1
C1 (t)
VDD
V2
V
V
V
V
3
4
5
LCD
COL 2
C2 (t)
dot matrix
1:16 multiplex rate
state 1 (OFF)
state 2 (ON)
0.2 Vop
0.2 Vop
0 V
Vop
Vop
V state 1 (t)
0.2 Vop
0.2 Vop
0 V
Vop
Vop
V state 2 (t)
0.6 Vop
0.6 Vop
Vstate 1 (t) = C1(t) R1(t):
Von(rms)
Vop
=
1
16
16 1
16 1
()
16
= 0.316
Vstate 2 (t) = C2(t) R2(t):
Voff(rms)
Vop
=
16 1
16 1
()
16
= 0.254
2
2 ()
general relationship (n = multiplex rate)
Von(rms)
Vop
=
1
n
n
1
n
1
()
n
Voff(rms)
Vop
=
n 1
n 1
()
n
2
2 ()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com