Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8578U-2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8578U-2
Description  LCD row/column driver for dot matrix graphic displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8578U-2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8578U-2 Datasheet HTML 5Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 6Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 7Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 8Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 9Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 10Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 11Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 12Page - NXP Semiconductors PCF8578U-2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
2003 Apr 14
9
Philips Semiconductors
Product specification
LCD row/column driver for
dot matrix graphic displays
PCF8578
7.3
Multiplexed LCD bias generation
The bias levels required to produce maximum contrast
depend on the multiplex rate and the LCD threshold
voltage (Vth). Vth is typically defined as the RMS voltage at
which the LCD exhibits 10% contrast. Table 2 shows the
optimum voltage bias levels for the PCF8578 as functions
of Vop (Vop =VDD − VLCD), together with the discrimination
ratios (D) for the different multiplex rates. A practical value
for Vop is obtained by equating Voff(rms) with Vth. Figure 4
shows the first 4 rows of Table 2 as graphs. Table 3 shows
the relative values of the resistors required in the
configuration of Fig.5 to produce the standard multiplex
rates.
Table 2
Optimum LCD voltages
Table 3
Multiplex rates and resistor values for Fig.5
7.4
Power-on reset
At power-on the PCF8578 resets to a defined starting
condition as follows:
1. Display blank
2. 1 : 32 multiplex rate, row mode
3. Start bank, 0 selected
4. Data pointer is set to X, Y address 0, 0
5. Character mode
6. Subaddress counter is set to 0
7. I2C-bus interface is initialized.
Data transfers on the I2C-bus should be avoided for 1 ms
following power-on, to allow completion of the reset action.
PARAMETER
MULTIPLEX RATE
1:8
1:16
1 :24
1:32
0.739
0.800
0.830
0.850
0.522
0.600
0.661
0.700
0.478
0.400
0.339
0.300
0.261
0.200
0.170
0.150
0.297
0.245
0.214
0.193
0.430
0.316
0.263
0.230
1.447
1.291
1.230
1.196
3.370
4.080
4.680
5.190
RESISTORS
MULTIPLEX RATE (n)
n = 8
n = 16, 24, 32
R1
R
R
R2
R
R3
V
2
V
op
---------
V
3
V
op
---------
V
4
V
op
---------
V
5
V
op
---------
V
off rms
()
V
op
----------------------
V
on rms
()
V
op
---------------------
D
V
on rms
()
V
off rms
()
----------------------
=
V
op
V
th
---------
n2
–
()R
3n
–
()R
n3
–
()R
Fig.4
Vbias/Vop as a function of the multiplex rate.
1:8
1:16
1:32
1.0
0
0.8
MSA838
1:24
0.6
0.4
0.2
multiplex rate
V bias
Vop
V5
V4
V3
V2
Vbias =V2, V3, V4, V5. See Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com