Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF85103C-2_04 Datasheet HTML 9Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 10Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 11Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 12Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 13Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 14Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 15Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 16Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
13 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
13. Package outline
Fig 10. DIP8 package outline (SOT97-1).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT97-1
99-12-27
03-02-13
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.045
0.17
0.02
0.13
b2
050G01
MO-001
SC-504-8
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com