Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P25B14E-R1B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # P25B14E-R1B
Description  25WAC-DC Triple Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P25B14E-R1B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  P25B14E-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P25B14E-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 pole AC inlet IEC320-C8
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage / Over temp.
Fully enclosed plastic case
Fix switching frequency and regulation
Topology: Top switch circuit
LED indicator for power on
Approvals: UL / CUL / TUV / CB / CE
1 year warranty
SPECIFICATION
P25B13A-R1B
P25B13D-R1B
P25B14E-R1B
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
PSU25B-13A
12V
5V
PSU25B-13D
12V
5V
PSU25B-14E
15V
2.5A
0.8A
2.5A
0.8A
2.5A
0.5A
0.5~2.5A
0.1~0.8A
0.5~2.5A
0.1~0.8A
0.5~2.5A
0.1~0.5A
RATEDPOWER
VOLTAGE ADJ.RANGE
Fixed
200ms,50ms,16msatfullload
90~264VAC135~370VDC
47~63Hz
0.8A /100VAC
70%
72%
74%
60A /230VAC
UL1950,CSA22.2,EN60950-1 Approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P
/25
/70%RH
:100MOhms/500VDC
520Khrsmin.MIL-HDBK-217F(25
)
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
108*67*36mm(L*W*H)
0.3kg;54pcs/20kg/CARTON
FileName:P25B-T-SPEC2007-03-01
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-3-2,3
CompliancetoEN61000-4-2,3,4,5,6,11,
criteria A
Lightindustrylevel,
HARMONICCURRENT
EMSIMMUNITY
CONNECTOR
PLUG
CABLE
StandardtypeR1B:DIN5PINforstock;Othertypeavailablebycustomerrequested
StandardtypeUL246418AWG*2C,20AWG*2Cwith5ftslengthforstock;Othertypeavailablebycustomerrequested
-5V
0.3A
0.1~0.3A
-12V
0.3A
0.1~0.3A
-15V
0.3A
0.1~0.3A
RIPPLE&NOISE(max.) Note.3 50mVp-p
25W
100mVp-p
50mVp-p
25W
100mVp-p
50mVp-p
25W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
3.0%
1.0%
2.0%
3.0%
1.0%
2.0%
3.0%
1.0%
2.0%
25W AC-DC TripleOutputDesktop
P 2 5 B - T series
Features :
LEAKAGECURRENT (max.)
WORKINGTEMP.
WORKINGHUMIDITY
OVERLOAD
OVERVOLTAGE
0.25mA /240VAC
0~+40
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
115~200% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
+5V:110~140%ratedoutputvoltage
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
EMICONDUCTION&RADIATION
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load.
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
IC1Tj135
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown


Similar Part No. - P25B14E-R1B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P25B13A-R1B MEANWELL-P25B13A-R1B Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25B13D-R1B MEANWELL-P25B13D-R1B Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25B13E-R1B MEANWELL-P25B13E-R1B Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
More results

Similar Description - P25B14E-R1B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25B MEANWELL-ES25B Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
ES25C MEANWELL-ES25C Datasheet
188Kb / 2P
20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A Datasheet
120Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B Datasheet
122Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
P25A-T MEANWELL-P25A-T Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T_07 Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25A-T MEANWELL-P25A-T_07 Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
GS25A MEANWELL-GS25A_12 Datasheet
194Kb / 2P
20~25WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com