Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P50A14E-R1B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # P50A14E-R1B
Description  46.5~50WAC-DC Triple Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P50A14E-R1B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  P50A14E-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P50A14E-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 pole AC inlet IEC320-C14
Class
power (with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Fix switching frequency and regulation
Topology: PWM 3882 circuit
LED indicator for power on
Approvals: UL / CUL / TUV / CB / CE
1 year warranty
SPECIFICATION
P50A13A-R1B
P50A13D-R1B
P50A14E-R1B
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT (max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
5V
PSU50A-13A
PSU50A-13D
PSU50A-14E
12V
5V
12V
5V
15V
4A
2A
4A
2A
4A
1.5A
0.5~4.0A
0.5~2.0A
0.5~4.0A
0.5~2.0A
0.5~4.0A
0.5~1.5A
RATEDPOWER
VOLTAGE ADJ.RANGE
Fixed
1.5s,50ms,12msatfullload
90~264VAC135~370VAC
47~63Hz
1.6A /100VAC
70%
72%
74%
40A /230VAC
0.75mA /240VAC
5V:110~140%ofratedoutputvoltage
UL1950,CSA22.2,EN60950-1approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC,I/P-FG:1.5KVAC
I/P-O/P I/P-FG
/25
/70%RH
,
:100MOhms/500VDC
280Khrsmin.MIL-HDBK-217F (25
)
0~+40
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
147*76*43mm(L*W*H)
0.55kg;36pcs/21kg/CARTON
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerence: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load.
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:P50A-T-SPEC 2007-05-14
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
CompliancetoEN55022(CISPR22)classB
CompliancetoEN61000-3-2,3
CompliancetoEN61000-4-2,3,4,5,6,11,ENV50204,l
criteria A
ightindustrylevel,
HARMONICCURRENT
EMSIMMUNITY
CONNECTOR
PLUG
CABLE
Standardtype
forstockOthertypeavailablebycustomerrequested
R1B:DIN5PIN
;
Standardtype
forstock
thertypeavailablebycustomerrequested
AWM246418Awg*4cwithshiell4ft
;O
-5V
0.5A
0.1~0.5A
-12V
0.5A
0.1~0.5A
-15V
0.5A
0.1~0.5A
RIPPLE&NOISE(max.) Note.3 50mVp-p
46.5W
50W
50W
100mVp-p
50mVp-p
100mVp-p
50mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
6.0%
10%
6.0%
10%
6.0%
10%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
10%
5.0%
10%
5.0%
10%
12%
1.0%
10%
12%
1.0%
10%
12%
1.0%
10%
46.5~50W AC-DC TripleOutputDesktop
P 5 0 A - T series
Features :
EMICONDUCTION&RADIATION
150~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover


Similar Part No. - P50A14E-R1B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P50A14-R1B MEANWELL-P50A14-R1B Datasheet
240Kb / 4P
44~49WAC-DC Dual Output Desktop
More results

Similar Description - P50A14E-R1B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
MES50A MEANWELL-MES50A Datasheet
234Kb / 2P
24 ~ 50WAC-DC Single Output and Medical Type Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
40WAC-DC Single Output Desktop
MES50A MEANWELL-MES50A_09 Datasheet
235Kb / 2P
24 ~ 50WAC-DC Single Output and Medical Type Desktop
P25A-T MEANWELL-P25A-T Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P50A-T MEANWELL-P50A-T_07 Datasheet
183Kb / 2P
46.5~50WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T_07 Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25A-T MEANWELL-P25A-T_07 Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com