Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U5A2CI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # U5A2CI
Description  ULTRA FAST RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U5A2CI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  U5A2CI Datasheet HTML 1Page - KEC(Korea Electronics) U5A2CI Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
U5A2CI
Revision No : 0
NUMBER OF CYCLES AT 50Hz AND 60Hz
1
0
20
40
80
60
10
330
550
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
T =25 C
f=60MHz
50MHz
PF(AV) - IO
AVERAGE OUTPUT RECTIFIED CURRENT IO (A)
0
0
1
2
3
4
5
12
3
4
5
6
RECTANGULAR
WAVEFORM
180
360
Tc - IO
AVERAGE OUTPUT RECTIFIED CURRENT IO (A)
0
60
80
100
120
160
140
12
34
5
RECTANGULAR
WAVEFORM
180
360
IF - VF
FORWARD VOLTAGE VF (V)
T =125 C
25 C
j
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.3
1
3
10
30
100
0.5
5
50
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com