Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-110B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PD-110B
Description  110W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-110B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PD-110B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-110B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-110A
PD-110B
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
CH1
12V
CH2
5V
CH1
24V
CH2
5A
6.5A
5A
3.5A
0.5~5A
0.5~6.5A
0.5~5A
0.5~3.5A
103W
109W
100mVp-p
150mVp-p
200mVp-p
100mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
6.0%
2.0%
1.0%
1.0%
2.0%
2.0%
1.0%
1.0%
5.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
75%
78%
3A/115VAC1.5A/230VAC
COLDSTART 40A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
(Refertooutputloadderatingcurve)
withcoolingfan
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
323Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46mm(L*W*H)
0.51Kg;24pcs/13.1Kg/1.19CUFT
FileName:PD-110-SPEC2011-03-31
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11;ENV50204,
Features :
P D - 11 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
110WDualOutputSwitchingPowerSupply


Similar Part No. - PD-110B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PD-110B ASTRODYNE-PD-110B Datasheet
829Kb / 5P
100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110B MEANWELL-PD-110B Datasheet
291Kb / 2P
110W Dual Output Switching Power Supply
logo
Tumbler Technologies + ...
PD-110B TRUMPOWER-PD-110B Datasheet
43Kb / 1P
100W Switching Power Supplies
logo
Mean Well Enterprises C...
PD-110B MEANWELL-PD-110B Datasheet
293Kb / 2P
PD-110_12
logo
Astrodyne Corporation
PD-110B ASTRODYNE-PD-110B Datasheet
355Kb / 4P
110W Dual Output Switching Power Supply
More results

Similar Description - PD-110B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
120W Dual Output Switching Power Supply
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
35W Dual Output Switching Power Supply
logo
CUI INC
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
dual output switching power supply
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
120W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50 Datasheet
422Kb / 2P
50W Dual Output Switching Power Supply
PD-45 MEANWELL-PD-45 Datasheet
338Kb / 2P
45W Dual Output Switching Power Supply
PD-110 MEANWELL-PD-110 Datasheet
291Kb / 2P
110W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD110 ASTRODYNE-PD110 Datasheet
355Kb / 4P
110W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com