Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-709 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-709
Description  HCSL, LVDS, LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-709 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-709 Datasheet HTML 1Page - Vectron International, Inc VC-709 Datasheet HTML 2Page - Vectron International, Inc VC-709 Datasheet HTML 3Page - Vectron International, Inc VC-709 Datasheet HTML 4Page - Vectron International, Inc VC-709 Datasheet HTML 5Page - Vectron International, Inc VC-709 Datasheet HTML 6Page - Vectron International, Inc VC-709 Datasheet HTML 7Page - Vectron International, Inc VC-709 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
Table 1. Electrical Performance, LVPECL Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.135
2.375
3.3
2.5
3.465
2.625
V
V
Current (No Load)
I
DD
35
50
mA
Frequency
Nominal Frequency
f
N
13.5
170.000
MHz
Stability,3 (Ordering Option)
±25, ±50 or ±100
ppm
Outputs
Output Logic Levels4
Output Logic High
Output Logic Low
V
OH
V
OL
V
DD
-1.085
V
DD
-1.830
V
DD
-0.880
V
DD
-1.555
V
V
Output Rise and Fall Time3
t
R
/t
F
500
ps
Load
50 ohms into V
DD
-1.3V
Duty Cycle4
45
55
%
Jitter, 156.250MHz5
12kHz-50MHz
12kHz -20MHz
10kHz-1MHz
фJ
200
150
100
fs
fs
fs
Period Jitter6
RMS
P/P
Cycle-Cycle6
RMS
P/P
Random Jitter7
Deterministic Jitter7
фJ
1.1
10.5
1.9
17.7
2.2
0
ps
ps
ps
ps
ps
ps
Enable/Disable
Output Enabled8
Output Disabled
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Disable Time
t
D
200
ns
Enable/Disable Leakage Current
±200
uA
Start-Up Time
t
SU
2ms
Operating Temp. (Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
5.0 x 7.0 x 1.6
mm
1. The VC-709 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. Includes calibration tolerance, operating temperature, supply voltage variations, aging and IR reflow.
3. Figure 3 defines the test circuit and Figure 4 defines these parameters.
4. Duty Cycle is defined as the On/Time Period.
5. Measured using an Agilent E5052.
6. Measured using a LeCroy Wavemaster 8600A, 90K samples
7. Measured using a Wavecrest SIA3300C, 90K samples.
8. Outputs will be Enabled if Enable/Disable is left open.
t
R
t
F
V
AMP
*0.8
V
AMP
*0.2
Cross Point
On Time
Period
V
AMP
Figure 2.
1
2
3
6
5
4
-1.3V
NC
NC
VDD -1.3V
50
50
Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com