Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VVC2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VVC2
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVC2 Datasheet(HTML) 1 Page - Vectron International, Inc

  VVC2 Datasheet HTML 1Page - Vectron International, Inc VVC2 Datasheet HTML 2Page - Vectron International, Inc VVC2 Datasheet HTML 3Page - Vectron International, Inc VVC2 Datasheet HTML 4Page - Vectron International, Inc VVC2 Datasheet HTML 5Page - Vectron International, Inc VVC2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VVC1 VVC2
Voltage Controlled Crystal Oscillator
The VVC1 Voltage Controlled Crystal Oscillator
Features
• VCXO with a CMOS output
• Small 5.0 X 7.0 X 1.9 mm package
• Output frequencies to 66 MHz
• 5.0 or 3.3 V operation
• Low Jitter < 6 pS rms, f
o>12MHz
• Tri-State Output for test and board debug
• 0/70 or –40/85 °C operating temperature
• Hermetically sealed ceramic SMD package
• Lead free construction
• Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH/DWDM
• Ethernet, Gigabit Ethernet
• xDSL/PCMCIA cards
• Digital Video
• Broadband Access
Description
Vectron’s VVC1/VVC2 Voltage Controlled
Crystal Oscillator (VCXO) is a quartz stabilized
square wave generator with a CMOS output and
is tested at CMOS and TTL (5.0 volt operation)
logic levels.
The VVC1/VVC2 uses fundamental crystals
resulting in low jitter performance and a
monolithic IC which improves reliability and
reduces cost.
Vc
fO
Output
Buffer /
Tri-state
Input
Buffer
ESD Diodes


Similar Part No. - VVC2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVC2-A1B-10.000 VECTRON-VVC2-A1B-10.000 Datasheet
178Kb / 6P
Voltage Controlled Crystal Oscillator
VVC2-A1B-14.318 VECTRON-VVC2-A1B-14.318 Datasheet
178Kb / 6P
Voltage Controlled Crystal Oscillator
VVC2-A1B-19.440 VECTRON-VVC2-A1B-19.440 Datasheet
178Kb / 6P
Voltage Controlled Crystal Oscillator
VVC2-A1B-27.000 VECTRON-VVC2-A1B-27.000 Datasheet
178Kb / 6P
Voltage Controlled Crystal Oscillator
VVC2-A1B-35.328 VECTRON-VVC2-A1B-35.328 Datasheet
178Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VVC2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Fronter Electronics Co....
VCXO-SMD7050 FRONTER-VCXO-SMD7050 Datasheet
194Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Epson Company
VG2520CAN EPSON-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com