Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXM2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXM2
Description  VXM2 Ultra Miniature SMD Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXM2 Datasheet(HTML) 1 Page - Vectron International, Inc

  VXM2 Datasheet HTML 1Page - Vectron International, Inc VXM2 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VXM2 Ultra Miniature SMD Crystals
Product is compliant to RoHS directive
and fully compatible with lead free assembly
Package:
5.0 x 3.2 x 1.0 mm tall 4 pads
Frequency Range:
12.0 MHz to 45.0 MHz
Mode:
1 = Fundamental
Stability:
A =
± 100 PPM from - 20°C to + 70°C
B = ± 50 PPM from - 20°C to + 70°C
C = ± 100 PPM from - 40°C to + 85°C
D = ± 50 PPM from - 40°C to + 85°C
E = ± 25 PPM from - 20°C to + 70°C
F = ± 30 PPM from - 20°C to + 70°C
Load Capacitance (CL):
0 = Series Resonant
1 = 16 pF
2 = 20 pF
3 = 32 pF
4 = 18 pF
5 = 10 pF
6 = 30 pF
STD Calibration Tolerance:
± 10 ppm at +25 ± 3°C
ESR:
60 Ohms Maximum
Shunt Capacitance (Co):
7 pF Maximum
Drive Level:
10 to 100 uW
Aging:
± 1 PPM/ year
Standard Packaging:
Tape and Reel (1000 pcs minimum)
Typical P/N:
VXM2-1B2-28M224
M2 = 5.0 x 3.2 x 1.0 mm 4 pads
1 = Fundamental Mode
B = ± 50 PPM -20°C to + 70°C
2 = 20 pF load
267 Lowell Road
Hudson, NH 03051 USA
Tel: 603-598-0070 Fax: 603-578-3071


Similar Part No. - VXM2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
VXM2 Ultra Miniature SMD Crystals
More results

Similar Description - VXM2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM1 VECTRON-VXM1 Datasheet
96Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
VXM2 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4 Datasheet
98Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5 Datasheet
63Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
Abracon Corporation
ABU ABRACON-ABU Datasheet
384Kb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
AEL Crystals Ltd
SXK AEL-SXK Datasheet
138Kb / 1P
Ultra-Miniature Ceramic SMD Crystals
logo
Vectron International, ...
VXM1 VECTRON-VXM1_07 Datasheet
99Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4_07 Datasheet
101Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5_07 Datasheet
104Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
Abracon Corporation
ABU ABRACON-ABU_15 Datasheet
1Mb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
09.01.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com