Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXAL-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78DXXAL-TN3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAL-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  78DXXAL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
78DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-010,L
ELECTRICAL CHARACTERISTICS(Cont.)
For 78D15A (VIN =23V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT =5mA~1.0A
14.40 15.0
15.6
V
Output Voltage
VOUT
VIN =17.5~30V, IOUT =5mA~1.0A
14.25
15.75
V
IOUT =5mA~1.0A
150
mV
Load Regulation
ΔVOUT
IOUT =0.25A~0.75A
75
mV
VIN =18.5~30V
150
mV
Line Regulation
ΔVOUT
VIN =17.7~30V, IOUT =1.0A
150
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =17.5~30V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-1.8
mV/
°C
Ripple Rejection
RR
VIN =18.5~28.5V,f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D18A (VIN =27V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT=5mA~1.0A
17.28 18.0 18.72
V
Output Voltage
VOUT
VIN =21~33V, IOUT=5mA~1.0A
17.1
18.9
V
IOUT=5mA~1.0A
180
mV
Load Regulation
ΔVOUT
IOUT=0.25A~0.75A
90
mV
VIN =21~33V
180
mV
Line Regulation
ΔVOUT
VIN =21~33V, IOUT =1.0A
180
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =21.5~33V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-2.2
mV/
°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D24A (VIN=33V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT=5mA~1.0A
23.04 24.0 24.96
V
Output Voltage
VOUT
VIN =27~38V, IOUT=5mA~1.0A
22.8
25.2
V
IOUT=5mA~1.0A
240
mV
Load Regulation
ΔVOUT
IOUT=0.25A~0.75A
120
mV
VIN =27~38V
240
mV
Line Regulation
ΔVOUT
VIN =27~38V, IOUT =1.0A
240
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =28~38V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
170
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-2.8
mV/
°C
Ripple Rejection
RR
VIN =28~38V,f=120Hz
50
66
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com