Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXG-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78TXXG-TQ2-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXG-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78TXXG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78TXXG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78TXXG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78TXXG-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78TXXG-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78TXXG-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
78TXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R101-021,Ca
ELECTRICAL CHARACTERISTICS(Cont.)
For 78T15 (VIN=23V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
14.4
15
15.6
V
Output Voltage
VOUT
VIN =17.5~30V, IOUT=5mA~0.5A
14.25
15.75
V
IOUT=5mA~0.5A
150
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
75
mV
VIN=18.5~30V
150
mV
Line Regulation
ΔV
OUT
VIN=17.5~30V, IOUT=0.5A
150
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN=17.5~30V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
90
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-1.8
mV/
°C
Ripple Rejection
RR
VIN=18.5~28.5V, f=120Hz
54
70
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78T18 (VIN=27V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
17.28
18
18.72
V
Output Voltage
VOUT
VIN=21~33V,IOUT=5mA~0.5A
17.1
18.9
V
IOUT=5mA~0.5A
180
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
90
mV
VIN=21~33V
180
mV
Line Regulation
ΔV
OUT
VIN=21~33V, IOUT =0.5A
180
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN=21.5~33V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
110
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-2.2
mV/
°C
Ripple Rejection
RR
VIN =22~32V,f=120Hz
53
69
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com