Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3414G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3414G-S08-R
Description  SINGLE-SUPPLY DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3414G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  3414G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3414G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3414
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R105-009.E
TYPICAL CHARACTERISTICS(Cont.)
Maximum Output Voltage vs. Operating Voltage
4
15
14
5
0
Operating Voltage V+ (V)
6
10
12
8
4
0
10
1k
100
1
5
2
100k
1
Load Resistance, RL (Ω)
Maximum Output Voltage vs. Load Resistance
15
10
(RL = 2kΩ, Ta = 25°C)
+VOM : VIX- / VIX+ = 0V/1V
-VOM : VIX- / VIX+ = 1V/0V
2k
±VOM
V+
-
+
VIX-
VIX+
3
(V+ = 5V, Ta = 25°C)
10k
3
Maximum Output Voltage vs. Frequency
1k
15
5
0
Frequency, f (Hz)
10
100k
10k
30
0
1k
100k
10k
10
40
20
Voltage Gain, Phase vs. Frequency
1M
1M
(V+ / V- = ±7.5V, RL = 2kΩ, Ta = 25°C)
50
Frequency, f (Hz)
-60
-180
-120
0
Phase
AV
(V+ /V- = ±4.3V, RL = 2kΩ,
AV = 40dB, Ta = 25°C)
Operating Current vs. Temperature
0
25
5
0
Ambient Temperature, Ta (°C)
15
50
25
4.2
0
-25
25
0
3.6
4.6
3.8
75
50
(V+ / V- = ±4.3V)
5
+VOM
(V+ = 5V, RL = 2kΩ)
-25
10
20
-VOM
75
4.8
4.4
4.0
Ambient Temperature, Ta (°C)
Operating Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com