Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM324L-S14-R
Description  QUAD OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM324L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM324L-S14-R Datasheet HTML 1Page - Unisonic Technologies LM324L-S14-R Datasheet HTML 2Page - Unisonic Technologies LM324L-S14-R Datasheet HTML 3Page - Unisonic Technologies LM324L-S14-R Datasheet HTML 4Page - Unisonic Technologies LM324L-S14-R Datasheet HTML 5Page - Unisonic Technologies LM324L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM324
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R105-006,J
QUAD OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LM324 consists of four independent, high gain
internally frequency compensated operational amplifiers which are
designed specifically to operated from a single power supply over a
wide voltage range. Operation from split power supplies is also
possible. Application areas include transducer amplifier, DC gain
blocks and all the conventional OP amp circuits which now can be
easily implemented in single power supply system.
FEATURES
*Internally frequency compensated for unity gain.
*Large DC voltage gain :100dB.
*Wide operating supply range (Vcc=3V~40V).
*Input common-mode voltage includes ground.
*Large output voltage swing: From 0V to Vcc-1.5V.
*Power drain suitable for battery operation.
DIP-14
SOP-14
TSSOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen-Free
Package
Packing
LM324L-D14-T
LM324G-D14-T
DIP-14
Tube
LM324L-P14-R
LM324G-P14-R
TSSOP-14
Tape Reel
LM324L-S14-R
LM324G-S14-R
SOP-14
Tape Reel


Similar Part No. - LM324L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM324L-S14-R UTC-LM324L-S14-R Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
LM324L-S14-R UTC-LM324L-S14-R Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
LM324L-S14-R UTC-LM324L-S14-R Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results

Similar Description - LM324L-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Unisonic Technologies
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Unisonic Technologies
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com