Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226Q Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6226Q
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6226Q_10 Datasheet HTML 17Page - STMicroelectronics L6226Q_10 Datasheet HTML 18Page - STMicroelectronics L6226Q_10 Datasheet HTML 19Page - STMicroelectronics L6226Q_10 Datasheet HTML 20Page - STMicroelectronics L6226Q_10 Datasheet HTML 21Page - STMicroelectronics L6226Q_10 Datasheet HTML 22Page - STMicroelectronics L6226Q_10 Datasheet HTML 23Page - STMicroelectronics L6226Q_10 Datasheet HTML 24Page - STMicroelectronics L6226Q_10 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
L6226Q
Paralleled operation
Doc ID 14335 Rev 5
21/29
Figure 16.
Parallel connection with lower overcurrent threshold
It is also possible to parallel the four half bridges to obtain a simple half bridge as shown in
Figure 17. In this configuration the, the over current threshold is equal to twice the minimum
threshold set by the resistors RCLA or RCLB in Figure 17. It is recommended to use
RCLA = RCLB.
The resulting half bridge has the following characteristics.
●
Equivalent device: half bridge
●
RDS(on) 0.18 Ω typ. value @ TJ = 25 °C
●
2.8 A max RMS load current
●
5.6 A max OCD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com