Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20HS Datasheet(PDF) 1 Page - Semtech Corporation

Part # 20HS
Description  SILICON PLANAR ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

20HS Datasheet(HTML) 1 Page - Semtech Corporation

  20HS Datasheet HTML 1Page - Semtech Corporation 20HS Datasheet HTML 2Page - Semtech Corporation 20HS Datasheet HTML 3Page - Semtech Corporation 20HS Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 20HS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
20HS SEMTECH_ELEC-20HS Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
logo
Cooper Bussmann, Inc.
20HS07 COOPER-20HS07 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
20HS3LL- ETC1-20HS3LL- Datasheet
428Kb / 9P
N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
20HS3LL- STMICROELECTRONICS-20HS3LL- Datasheet
305Kb / 12P
N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
31-Jan-2007
logo
SEMTECH ELECTRONICS LTD...
20HSA SEMTECH_ELEC-20HSA Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
More results

Similar Description - 20HS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
KEC(Korea Electronics)
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
SILICON PLANAR ZENER DIODE
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
SILICON PLANAR ZENER DIODE
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com