Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904L-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2904L-SM1-R
Description  SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904L-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2904L-SM1-R Datasheet HTML 1Page - Unisonic Technologies M2904L-SM1-R Datasheet HTML 2Page - Unisonic Technologies M2904L-SM1-R Datasheet HTML 3Page - Unisonic Technologies M2904L-SM1-R Datasheet HTML 4Page - Unisonic Technologies M2904L-SM1-R Datasheet HTML 5Page - Unisonic Technologies M2904L-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M2904
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-024.C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+(V+/V-)
32( or±16)
V
Differential Input Voltage
VI(DIFF)
32
V
Input Voltage
VIN
-0.3~+32
V
DIP-8
500
SOP-8
300
TSSOP-8
300
Power Dissipation
MSOP-8
PD
225
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0°C ~+70°C operating temperature range
and assured by design from -20°C ~+85°C.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V+=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs=0Ω
2
7
mV
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
25
250
nA
Large Signal Voltage Gain
Gv
RL 2kΩ
≧
100
dB
Maximum Output Voltage Swing
VOM
RL=2kΩ
3.5
V
Input Common Mode Voltage
VI(CM)
0~3.5
V
Common Mode Rejection Ratio
RR
85
dB
Supply Voltage Rejection Ratio
SVR
100
dB
Output Source Current
ISOURCE
VIN
+=1V,VIN-=0V
20
30
mA
Output Sink Current
ISINK
VIN
+=0V,VIN-=1V
8
20
mA
Channel Separation
CS
f=1k ~20kHz,Input Referred
120
dB
Operating Current
ICC
RL=∞
0.7
1.2
mA
Slew Rate
SR
V
+/V-=±15V
0.5
V/μs
Unity Gain Bandwidth
fT
V
+/V-=±15V
0.2
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com