Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2904G-SM1-R
Description  SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2904G-SM1-R Datasheet HTML 1Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 2Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 3Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 4Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 5Page - Unisonic Technologies M2904G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2904
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R105-024.C
SINGLE-SUPPLY DUAL
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M2904 consists of two independent, high gain, internally
frequency compensated operation amplifiers which were designed
specifically to operate from a single power supplies is also possible
and the low power supply current drain is independent of the
magnitude of the power supply voltage.
FEATURES
*Single Supply
*Operating Voltage: +3V~+32V
*Low Operating Current: 0.7mA (typ.)
*Slew Rate: 0.5V/μs (typ.)
DIP-8
SOP-8
TSSOP-8
MSOP-8
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
M2904L-D08-T
M2904G-D08-T
DIP-8
Tube
M2904L-P08-R
M2904G-P08-R
TSSOP-8
Tape Reel
M2904L-SM1-R
M2904G-SM1-R
MSOP-8
Tape Reel
M2904L-S08-T
M2904G-S08-T
SOP-8
Tape Reel


Similar Part No. - M2904G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2904G-SM1-R UTC-M2904G-SM1-R Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
More results

Similar Description - M2904G-SM1-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2119 NJRC-NJM2119 Datasheet
217Kb / 5P
DUAL SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM3404A NJRC-NJM3404A Datasheet
228Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER?
logo
Analog Devices
SSM2135 AD-SSM2135 Datasheet
299Kb / 12P
Dual Single-Supply Audio Operational Amplifier
REV.D
logo
Burr-Brown (TI)
OPA2634 BURR-BROWN-OPA2634 Datasheet
143Kb / 16P
Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3404 UTC-3404 Datasheet
136Kb / 5P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
SSM2135 AD-SSM2135_03 Datasheet
468Kb / 16P
Dual Single-Supply Audio Operational Amplifier
REV. E
SSM2135SZ AD-SSM2135SZ Datasheet
304Kb / 16P
Dual Single-Supply Audio Operational Amplifier
Rev. G
logo
New Japan Radio
NJM2904M-TE1 NJRC-NJM2904M-TE1 Datasheet
207Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2634 TI1-OPA2634 Datasheet
278Kb / 17P
Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2904C NJRC-NJM2904C Datasheet
781Kb / 10P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com