Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC1458G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC1458G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC1458G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC1458G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC1458
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-008,C
■
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-22 ~ +22
V
Differential Input Voltage
VI(DIFF)
-30 ~ +30
V
Input Voltage
VIN
-15 ~ +15
V
SOP-8
300
mW
Power Dissipation
DIP-8
PD
500
mW
Output Short Circuit Duration
Infinite
Operating Ambient Temperature Range
TOPR
0 ~ 70
°C
Storage Temperature Range
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
■
ELECTRICAL CHARACTERISTICS (VCC=±15V,Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Ta=+25
°C
1
5
mV
Input Offset Voltage (RS≤10kΩ)
VI(OFF)
0
°C≤Ta≤70°C
6
mV
Ta=+25
°C
2
200
nA
Input Offset Current
II(OFF)
0
°C≤Ta≤70°C
300
nA
Ta=+25
°C
30
500
nA
Input Bias Current
II(BIAS)
0
°C≤Ta≤70°C
800
nA
Ta=+25
°C
50
200
V/mV
Large Signal Voltage Gain
(Vo=+-10V,RL=2k
Ω)
GV
0
°C≤Ta≤70°C
25
V/mV
Ta=+25
°C
77
90
dB
Supply Voltage Rejection Ratio
(Rs≤10k
Ω)
SVR
0
°C≤Ta≤70°C
77
dB
Ta=+25
°C
2.3
5
mA
Supply Current(all Amp, no Load)
ICC
0
°C≤Ta≤70°C
6
mA
Ta=+25
°C
±12
V
Input Common Mode Voltage Range
VIN(CM)
0
°C≤Ta≤70°C
±12
V
Ta=+25
°C
70
90
dB
Common-Mode Rejection Ratio
(RS≤10kΩ)
CMR
0
°C≤Ta≤70°C
70
dB
Output Short-Circuit Current
Ios
Ta=+25
°C
10
20
35
mA
RL=10kΩ
12
14
V
Ta=+25
°C
RL=2kΩ
10
13
V
RL=10kΩ
12
V
Output Voltage Swing
±Vopp
0
°C≤Ta≤70°C
RL=2kΩ
10
V
Slew Rate
SR
VIN=±10V, RL=2kΩ, CL=100pF,
Ta=+25
°C, unity gain
0.2
0.8
V/μs
Rise Time
tr
VIN=20mV, RL=2kΩ, CL=100pF,
Ta=+25
°C, unity gain
0.3
μs
Over-Shoot
KOS
VIN=20mV, RL=2kΩ,CL=100pF,
Ta=+25
°C, unity gain
5
%
Input Resistance
RIN
0.3
2
MΩ
Common-Mode Input Impedance
ZIN
200
MΩ
Input Capacitance
CIN
1.4
pF
Output Resistance
ROUT
75
Ω
Full Power Bandwidth
FBW
RL=2kΩ,VOUT ≥±10V,
GV=1,THD ≤ 5%
14
KHz
Unity Gain Bandwidth
GBW
VIN=10mV, RL=2kΩ, CL=100pF,
Ta=+25
°C
1
MHz
Gain Bandwidth Product
GBP
VIN=10mV,RL=2kΩ, CL=100pF,
t=100kHz,Ta=+25
°C
0.4
1
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com