Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4556L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC4556L-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4556L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC4556L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 6Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC4556
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R105-015,C
TYPICAL CHARACTERISTICS
-14
Output Current, IOUT (mA)
10
150
500
-4
6
14
0
Frequency, f (Hz)
30k
1k
300k
10M
20
30
50
Maximum Output Voltage Swing vs.
Output Curren
V+/V- = ±15V
Ta=25℃
200
100
20
5
2
12
10
8
4
2
0
-2
-6
-8
-10
-12
Voltage Gain, Phase Shift vs. Frequency
40
10
-120
-60
0
-30
-150
-90
-180
Gain
Phase
100k
60k
10k
6k
3k
600k1M 3M 6M
V+/V- = ±15V
RL=2kΩ
40dB Amp
Ta=25℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com