Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4580-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC4580-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4580-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC4580-P08-R Datasheet HTML 1Page - Unisonic Technologies MC4580-P08-R Datasheet HTML 2Page - Unisonic Technologies MC4580-P08-R Datasheet HTML 3Page - Unisonic Technologies MC4580-P08-R Datasheet HTML 4Page - Unisonic Technologies MC4580-P08-R Datasheet HTML 5Page - Unisonic Technologies MC4580-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC4580
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-013.E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/V-
±18
V
Input Voltage
VIN
±15
V
Differential Input Voltage
VI(DIFF)
±30
V
Output Current
IOUT
±50
mA
SOP-8
300
DIP-8
800
TSSOP-8
250
Power Dissipation
MSOP-8
PD
250
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-40~+125
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+ /V-=±15V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
RS≦10kΩ
-
0.5
3
mV
Input Offset Current
II(OFF)
-
5
200
nA
Input Bias Current
II(BIAS)
-
100
500
nA
Large Signal Voltage Gain
Gv
VOUT=±10V, RL≧2kΩ
90
110
-
dB
Output Voltage Swing
VOM
RL≧2kΩ
±12
±13.5
-
V
Input Common Mode Voltage
VI(CM)
±12
±13.5
-
V
Common Mode Rejection Ratio
RR
RS≦10kΩ
80
110
-
dB
Supply Voltage Rejection Ratio
SVR
Rs≦10kΩ
80
110
-
dB
Operating Current
ICC
-
6
9
mA
Slew Rate
SR
RL≧2kΩ
-
5
-
V/µs
Gain bandwidth Product
GB
f=10KHz
-
15
-
MHz
Total Harmonic Distortion
THD
Gv=20dB,VOUT=5V,RL=2kΩ, f=1KHz
-
0.0005
-
%
Input Noise Voltage
eN
RIAA Rs=2.2 kΩ, 30kHzLPF
-
0.8
-
µVrms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com