Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 58 Page - Texas Instruments

Part # CC2500-RTR1
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 54Page - Texas Instruments CC2500-RTR1 Datasheet HTML 55Page - Texas Instruments CC2500-RTR1 Datasheet HTML 56Page - Texas Instruments CC2500-RTR1 Datasheet HTML 57Page - Texas Instruments CC2500-RTR1 Datasheet HTML 58Page - Texas Instruments CC2500-RTR1 Datasheet HTML 59Page - Texas Instruments CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
CC2500
SWRS040C
Page 58 of 89
Address
Register
Description
Preserved in
SLEEP State
Details on
Page Number
0x00
IOCFG2
GDO2
output pin configuration
Yes
61
0x01
IOCFG1
GDO1
output pin configuration
Yes
61
0x02
IOCFG0
GDO0
output pin configuration
Yes
61
0x03
FIFOTHR
RX FIFO and TX FIFO thresholds
Yes
62
0x04
SYNC1
Sync word, high byte
Yes
62
0x05
SYNC0
Sync word, low byte
Yes
62
0x06
PKTLEN
Packet length
Yes
62
0x07
PKTCTRL1
Packet automation control
Yes
63
0x08
PKTCTRL0
Packet automation control
Yes
64
0x09
ADDR
Device address
Yes
64
0x0A
CHANNR
Channel number
Yes
64
0x0B
FSCTRL1
Frequency synthesizer control
Yes
65
0x0C
FSCTRL0
Frequency synthesizer control
Yes
65
0x0D
FREQ2
Frequency control word, high byte
Yes
65
0x0E
FREQ1
Frequency control word, middle byte
Yes
65
0x0F
FREQ0
Frequency control word, low byte
Yes
65
0x10
MDMCFG4
Modem configuration
Yes
66
0x11
MDMCFG3
Modem configuration
Yes
66
0x12
MDMCFG2
Modem configuration
Yes
67
0x13
MDMCFG1
Modem configuration
Yes
68
0x14
MDMCFG0
Modem configuration
Yes
68
0x15
DEVIATN
Modem deviation setting
Yes
69
0x16
MCSM2
Main Radio Control State Machine configuration
Yes
70
0x17
MCSM1
Main Radio Control State Machine configuration
Yes
71
0x18
MCSM0
Main Radio Control State Machine configuration
Yes
72
0x19
FOCCFG
Frequency Offset Compensation configuration
Yes
73
0x1A
BSCFG
Bit Synchronization configuration
Yes
74
0x1B
AGCTRL2
AGC control
Yes
75
0x1C
AGCTRL1
AGC control
Yes
76
0x1D
AGCTRL0
AGC control
Yes
77
0x1E
WOREVT1
High byte Event 0 timeout
Yes
77
0x1F
WOREVT0
Low byte Event 0 timeout
Yes
78
0x20
WORCTRL
Wake On Radio control
Yes
78
0x21
FREND1
Front end RX configuration
Yes
78
0x22
FREND0
Front end TX configuration
Yes
79
0x23
FSCAL3
Frequency synthesizer calibration
Yes
79
0x24
FSCAL2
Frequency synthesizer calibration
Yes
79
0x25
FSCAL1
Frequency synthesizer calibration
Yes
80
0x26
FSCAL0
Frequency synthesizer calibration
Yes
80
0x27
RCCTRL1
RC oscillator configuration
Yes
80
0x28
RCCTRL0
RC oscillator configuration
Yes
80
0x29
FSTEST
Frequency synthesizer calibration control
No
80
0x2A
PTEST
Production test
No
80
0x2B
AGCTEST
AGC test
No
81
0x2C
TEST2
Various test settings
No
81
0x2D
TEST1
Various test settings
No
81
0x2E
TEST0
Various test settings
No
81
Table 35: Configuration Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com