Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP54C Datasheet(PDF) 1 Page - Semtech Corporation

Part # MP54C
Description  PENTIUM PROCESSOR VOLTAGE REGULATOR MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP54C Datasheet(HTML) 1 Page - Semtech Corporation

  MP54C Datasheet HTML 1Page - Semtech Corporation MP54C Datasheet HTML 2Page - Semtech Corporation MP54C Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP54C
© 1997 SEMTECH CORP.
PENTIUM
®
PROCESSOR
VOLTAGE REGULATOR MODULE
October 27, 1997
652 MITCHELL ROAD NEWBURY PARK CA 91320
Pentium is a registered trademark of Intel Corporation
DESCRIPTION:
The MP54C/MP55C series of power modules are low
noise (no EMI), economical 25W (nominal) linear
DC:DC converters with an integral connector con-
forming to Intel Corporation’s Voltage Regulator Mod-
ule specification for the Pentium
® Processor.
Outstanding features include internal current limiting
and thermal shutdown, providing full device protection
against load faults and thermal overstress. The
MP54C series is designed to supply power for the
Pentium Processor P54C & P54CS and associated
chip sets. With a tightly controlled output voltage,
nominally 3.525V, the MP54C meets all requirements
for powering VRE specification processors.
The MP54C-5E is a reduced cost version offering a
maximum current of 5A. For P55C processors,
please see Semtech’s datasheet, MP55C.
FEATURES:
• Integral VRM header connector
• Input voltage 5V ± 5%
• Fixed output voltage 3.525V for all Pentium®
Processor variants (VRE or standard voltage)
• Steady state output current 5.8A/7.5A peak
(MP54C-E) or 5A (MP54C-5E)
• Low dropout voltage
• Fast transient response
• Low noise, no EMI
• Fully qualified by Intel Corporation for Intel
Pentium
® Processor P54C & P54CS 90 - 200MHz
module
APPLICATIONS:
• Intel Pentium® Power Supply
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Voltage
(1)
V
O
3.400
3.525
3.600
V
Output Current (MP54C-E)
I
O
0.01
5.8
7.5
A
Output Current (MP54C-5E)
I
O
0.01
5.0
A
Line Regulation
(1)
REG
(LINE)
0.015
0.2
%
Load Regulation
(1)
REG
(LOAD)
0.1
0.4
%
Dropout Voltage
V
D
1.1
1.2
V
Current Surge Limit (MP54C-E)
I
S
9.5
A
Current Surge Limit (MP54C-5E)
I
S
7.5
A
Quiescent Current
I
Q
12
16
mA
Temperature Coefficient
T
C
0.005
%/°C
Temperature Stability
T
S
0.5
%
RMS Output Noise
(2)
V
N
0.003
%V
O
Ripple Rejection Ratio
R
A
72
dB
Linear Airflow Requirements
(ambient temperature 55°C)
0.5
100
m/s
ft/min
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Bandwidth of 10 Hz to 10 kHz.
ORDERING INFORMATION:
DEVICE
Max Current (A)
Output Voltage (V)
MP54C-E
7.5A
3.525
MP54C-5E
5.0A
3.525
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - MP54C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5402M MPS-MP5402M Datasheet
715Kb / 17P
5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
MP5402M MPS-MP5402M Datasheet
468Kb / 6P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
MP5402M MPS-MP5402M Datasheet
1Mb / 7P
5A, 36V, Frequency Selectable Step-Down Converter with Dual USB Charging Ports
MP5402MGR MPS-MP5402MGR Datasheet
715Kb / 17P
5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
MP5403 MPS-MP5403 Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
More results

Similar Description - MP54C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
MP55C SEMTECH-MP55C Datasheet
23Kb / 3P
PENTIUM PROCESSOR P55C VOLTAGE REGULATOR MODULE
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
MP60-F SEMTECH-MP60-F Datasheet
20Kb / 4P
KLAMATH PROCESSOR VOLTAGE REGULATOR MODULE
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
Low Power Intel Pentium Processor
logo
Intel Corporation
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
Intel Pentium 4 Processor and Intel Celeron Processor
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
Pentium III/500 MHz processor
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com