Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2520 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 17Page - Texas Instruments CC2520 Datasheet HTML 18Page - Texas Instruments CC2520 Datasheet HTML 19Page - Texas Instruments CC2520 Datasheet HTML 20Page - Texas Instruments CC2520 Datasheet HTML 21Page - Texas Instruments CC2520 Datasheet HTML 22Page - Texas Instruments CC2520 Datasheet HTML 23Page - Texas Instruments CC2520 Datasheet HTML 24Page - Texas Instruments CC2520 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
21
5.11.1 Using the Temperature Sensor
The on-chip temperature sensor can be accessed via the GPIO0 and GPIO1 pins by following this procedure:
•
Configure GPIO0 and GPIO1 as inputs by writing 0x80 to the GPIOCTRL0 and GPIOCTRL1 registers.
•
Enable analog output functionality for these two pins by setting GPIOCTRL.GPIO_ACTRL=’1’.
•
Select temperature sensor output by writing 0x01 to the ATEST register. This will make GPIO1 output
GND and GPIO0 will output a voltage proportional to the temperature.
•
Use an ADC in the microcontroller to measure the output voltage on GPIO0 and then calculate the
temperature.
The output from the temperature sensor is shown in graph form in section 5.9, but as a basis for calculating
the temperature, the following numbers can be used:
Tc=-40 – 125°C, VDD=1.8 – 3.8 V
Parameter
Min
Typ
Max
Unit
Temp sensor voltage at 25°C
0.8
V
Temp. sens. output vs temperature
25
mV/10°C
Temp. sens. output vs supply voltage
6
mV/V
Temp. sens accuracy no calibration (at fixed voltage)
+/-12
°C
Temp, sens. accuracy with 1-point calibration (at fixed voltage)
+/-1
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com