Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # MC34072G-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button MC34072G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 9Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 10Page - Unisonic Technologies MC34072G-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R105-007.D
TYPICAL CHARACTERISTICS (Cont)
Single Supply Output Saturation vs. Load
Resistance to VCC
VEE
05.0
Input Common Mode Voltage, VIC (V)
VCC
VEE+1.0
20
15
10
Split Supply Output Saturation vs. Load Current
VCC-4.0
0.2
Load Resistance to Ground, RL (Ω)
VCC
0.1
100k
10k
1.0k
0
100
VEE+2.0
VCC-2.0
VCC-1.0
Source
VCC/VEE = +5.0V/-5.0V ~ +22V/ -22V
TA = 25℃
VCC
Sink
VEE
Gnd
VCC-2.0
VCC
VCC = +15V
RL = Gnd
TA = 25℃
Single Supply Output Saturation vs. Load
Resistance to Ground
100
1.0k
Load Resistance to VCC, RL (Ω)
0
1.0
100k
10k
Output Short Circuit Current vs. Temperature
40
20
Ambient Temperature, TA (Ω)
60
10
125
50
0
0
-55
2.0
-0.8
-0.4
50
Sink
VCC = +15V
VEE = -15V
RL ≤ 0.1Ω
ΔV
IN = 1.0V
VCC
Gnd
VCC = +15V
RL ~ VCC
TA = 25℃
Source
30
100
75
25
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com