Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP-2000 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-2000
Description  2000W Front End Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-2000 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RCP-2000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FileName:RCP-2000-SPEC2011-05-09
2000WFrontEndPowerSupply
R C P - 2 0 0 0 series
Outputvoltagecanbetrimmedbetween90~110%ofitsratedvaluebythefollowingmethod.
2.2LocalSense
Notice:The+S,-Shavetobeconnectedtothe+V,-Vterminalslocallyinordertogetthecorrectoutputvoltageiftheremotesensingisnotused.
+V
-V
+S
-S
RCP-2000
14
15
3.OutputVoltageTrimming
PV
RCP-2000
11
0~5V
-VSignal
Addon0~5Vexternalvoltage
9
60
70
80
EXTERNAL VOLTAGE(DC)
90
100
110
Vout
0.5
0
1.5
3
4.5
5
V
Function
AC-OK
AC-NG
DC-OK
DC-NG
T-OK
T-ALARM
LED
GREEN
RED
GREEN
RED
GREEN
RED
Description
Wheninputvoltage
87V
Wheninputvoltage
75V
Whenoutputvoltage
80%
5%ofVorated.
Whenoutputvoltage
80%
5%ofVorated.
Whentheinternaltemperature(TSW1& TSW2short)iswithinsafelimit
Whentheinternaltemperature(TSW1or TSW2open)exceedsthelimitoftemperaturealarm
4.FrontPanelIndicators&CorrespondingSignalatFunctionPins
Signal
0~0.5V
4.5~5.5V
0~0.5V
4.5~5.5V
0~0.5V
4.5~5.5V
PSUOutput
ON
OFF
ON
ON
ON
OFF
*
*Signalbetweenfunctionpinand"GND-AUX".



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com