Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP55C Datasheet(PDF) 1 Page - Semtech Corporation

Part # MP55C
Description  PENTIUM PROCESSOR P55C VOLTAGE REGULATOR MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

MP55C Datasheet(HTML) 1 Page - Semtech Corporation

  MP55C Datasheet HTML 1Page - Semtech Corporation MP55C Datasheet HTML 2Page - Semtech Corporation MP55C Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MP55C
© 1997 SEMTECH CORP.
PENTIUM
®
PROCESSOR P55C
VOLTAGE REGULATOR MODULE
October 27, 1997
652 MITCHELL ROAD NEWBURY PARK CA 91320
Pentium is a registered trademark of Intel Corporation. AMD5
K86 is a trademark of Advanced Micro Devices. 6x86 is a trademark of Cyrix.
DESCRIPTION:
The MP54C/MP55C series of power modules are low
noise (no EMI), economical linear DC:DC converters
with an integral connector conforming to Intel Corpora-
tion’s Voltage Regulator Module specification for the
Pentium
® Processor.
Outstanding features include internal current limiting
and thermal shutdown, providing full device protection
against load faults and thermal overstress. The MP55C
is designed to power split voltage plane microproces-
sors requiring 3.3V V
I/O and 2.xV VCORE. The VI/O is al-
ways supplied directly from a 3.3V input; either the
main system power supply or a low dropout regulator
on the motherboard. The CPU core can be supplied
either from the 3.3V main supply to reduce heat dissi-
pation (MP55C-3.3) or the 5V main power supply
(MP55C-5). The MP55C-3.3 still requires a few mA of
5V power for control circuitry. The MP55C-3.3 will not
be available for CPU core voltages higher than 2.8V.
Please contact Semtech for availability.
FEATURES:
• Integral VRM header connector
• Input voltage 5V ± 5%
• 2.8 ± 0.1V output for CPU core power
• 3.3V passes through the I/O power plane
• Maximum output current 6A
• Input power voltage:
5V ± 5% for MP55C-5 or
3.3V for MP55C-3.3
• Low noise, no EMI
APPLICATIONS:
• Pentium® Processor P55C, Cyrix 6x86 and
AMD5
K86 power supplies
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output Voltage
(1)
2.8V version
V
O
2.7
2.8
3.0
V
2.7V version
2.6
2.7
2.8
2.5V version
2.4
2.5
2.6
Output Current
I
O
6.0
A
Line Regulation
(1)
REG
(LINE)
0.015
0.2
%
Load Regulation
(1)
REG
(LOAD)
0.1
0.4
%
Dropout voltage
(MP55C-5)
(MP55C-3.3)
V
D
1.2
0.40
1.3
V
Current Surge Limit
I
S
7.5
A
Quiescent Current
I
Q
12
16
mA
Temperature Coefficient
T
C
0.005
%/°C
Temperature Stability
T
S
0.5
%
RMS Output Noise
(2)
V
N
0.003
%V
O
Ripple Rejection Ratio
R
A
72
dB
Linear Airflow Requirements
(ambient temperature 55°C)
0.5
100
m/s
ft/min
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Bandwidth of 10 Hz to 10 kHz.
ORDERING INFORMATION:
DEVICE
Input (V)
Output (V)
MP55C-5-2.8
5.0
2.8
MP55C-5-2.5
5.0
2.5
MP55C-3.3-2.8
3.3
2.8
MP55C-3.3-2.7
3.3
2.7
MP55C-3.3-2.5
3.3
2.5
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - MP55C

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
241Kb / 1P
Film Resistors
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Monolithic Power System...
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505AGL MPS-MP5505AGL Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
More results

Similar Description - MP55C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
MP54C SEMTECH-MP54C Datasheet
29Kb / 3P
PENTIUM PROCESSOR VOLTAGE REGULATOR MODULE
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
MP60-F SEMTECH-MP60-F Datasheet
20Kb / 4P
KLAMATH PROCESSOR VOLTAGE REGULATOR MODULE
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
Low Power Intel Pentium Processor
logo
Intel Corporation
310308-002 INTEL-310308-002 Datasheet
4Mb / 106P
Intel Pentium 4 Processor
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
Intel Pentium 4 Processor and Intel Celeron Processor
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
Pentium III/500 MHz processor
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com