Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1101CS Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1101CS
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101CS Datasheet(HTML) 6 Page - Semtech Corporation

  SC1101CS Datasheet HTML 1Page - Semtech Corporation SC1101CS Datasheet HTML 2Page - Semtech Corporation SC1101CS Datasheet HTML 3Page - Semtech Corporation SC1101CS Datasheet HTML 4Page - Semtech Corporation SC1101CS Datasheet HTML 5Page - Semtech Corporation SC1101CS Datasheet HTML 6Page - Semtech Corporation SC1101CS Datasheet HTML 7Page - Semtech Corporation SC1101CS Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SC1101
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VOLTAGE MODE PWM CONTROLLER
February 29, 2000
6
7) The Current Sense resistor and the divider across it
should form as small a loop as possible, the traces run-
ning back to CS(+) and CS(-) on the SC1101 should run
parallel and close to each other. The 0.1
µF capacitor
should be mounted as close to the CS(+) and CS(-) pins
as possible.
8) To minimize noise pickup at the sensitive FB pin, the
feedback resistors should both be close to the SC1101
with the bottom resistor (Rb) returned to ground at the
GND pin.
Under Voltage Lockout
The under voltage lockout circuit of the SC1101 assures
that the high-side MOSFET driver outputs remain in the
off state whenever the supply voltage drops below set
parameters. Lockout occurs if V
CC falls below 3.8V. Nor-
mal operation resumes once V
CC rises above 3.8V.
C2-C7 - AVX: TPSE227M010S0100
Q1, D1 - International Rectifier
L1- Coilcraft: DO5022P-392HC
+3.3V
+12V
GND
VOUT
+5V
C1
0.1uF
R1
6mOhm
R3
10
C9
0.1uF
C10
0.1uF
+
C2
220uF
J1
1
J3
1
J4
1
Cx
0.01
C8
0.1uF
R2
24
J2
1
C6
0.1uF
U1
SC1101CS
GND
8
VCC
1
CS(-)
2
CS(+)
3
PGND
4
DH
5
BST
6
FB
7
R4
124
+
C3
220uF
+
C4
220uF
+
C5
220uF
Q1
IRL2203S
L1
J5
1
D1
32CTQ030S
C7
0.01uF
J6
1
R5
1k
R6
1k
Fig. 6: GTL+ 3.3V to 1.5V 8A Application
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com