Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2234SW Datasheet(PDF) 2 Page - 3M Electronics

Part # C2234SW
Description  3M ™ MicroTouch ™ Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

C2234SW Datasheet(HTML) 2 Page - 3M Electronics

  C2234SW Datasheet HTML 1Page - 3M Electronics C2234SW Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ MicroTouch™ Display C2234SW Specifications
Functional Specifications
Display Details
LCD Technology
TFT, Active Matrix
Display Colors
16.7 million
Pixel Pitch
.282 x .282mm
Brightness
250 cd/m2 (nit) typical
with touch sensor (max.)1
225 cd/m2 (nit) typical
Contrast Ratio
1000:1 typical
Viewing Angle2
Horizontal: 170 degrees typical
Vertical: 160 degrees typical
Video Response Time3
5 ms typical
Control Type
OSD
Native Resolution
1680x1050
Touch Details
Touch Point Speed
5.4 ms
Input Type
Finger
Touch Communication
USB and RS232 (Serial)
Operating System Support Windows 7/Vista/XP, Linux, Mac OS
(1) Brightness measured on a display with 3M™ Surface Capacitive sensor.
(2) Measured at a contrast ratio of 10.
(3) Gray to Gray
3M Touch Systems
Subsidiary of 3M Company
501 Griffin Brook Park Drive
Methuen, MA 01844 U.S.A.
1-888-659-1080
www.3M.com/touch
RoHS Directive compliant: In accordance with European Directive 2002/95/EC, “RoHS Directive compliant” means that the product or part does not contain any of the following substances in excess
of the following maximum concentration values in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M’s knowledge and
belief based on information provided by third party suppliers to 3M. (9/06)
IMPORTANT NOTICE TO PURCHASER: Specifications are subject to change without notice. These 3M Touch Systems’ Products and software are warranted to meet their published specifications from
the date of shipment and for the period stated in the specification. 3M Touch Systems makes no additional warranties, express or implied, including but not limited to any implied warranties of merchant-
ability or fitness for a particular purpose. User is responsible for determining whether the 3M Touch Systems Products and software are fit for User’s particular purpose and suitable for its method of
production, including intellectual property liability for User’s application. If the Product, software or software media is proven not to have met 3M Touch Systems’ warranty, then 3M Touch Systems’ sole
obligation and User’s and Purchaser’s exclusive remedy, will be, at 3M Touch Systems’ option, to repair or replace that Product quantity or software mediator to refund its purchase price. 3M Touch
Systems has no obligation under 3M Touch Systems’ warranty for any Product, software or software media that has been modified or damaged through misuse, accident, neglect, or subsequent manu-
facturing operations or assemblies by anyone other than 3M Touch Systems. 3M Touch Systems shall not be liable in any action against it in any way related to the Products or software for any loss or
damages, whether non-specified direct, indirect, special, incidental or consequential (including downtime, loss of profits or goodwill) regardless of the legal theory asserted. (7/02)
© 3M 2010 All Rights Reserved. 3M is a trademark of 3M Company. Microsoft is a registered trademark of Microsoft Corporation.
C2234SW-1210
Physical Specifications
Product Details
Operating Environment
0 to +40 degrees C
Relative Humidity, non-condensing 90%
Storage Environment
-10 to +60 degrees C
Video Input
DVI and VGA
Multimedia
Audio input, 3 watt audio output
VESA Pattern
100mm x 100mm
Power Supply
12 VDC Power Supply (external)
Power Consumption
40 watts maximum
RoHS Compliant
Yes
Agency Approvals
FCC-B, CE, TUV, CCC
Warranty
3 years
Dimensions and Weight
Physical (WxHxD)
500.0 x 328.4 x 51.87 mm
19.7 x 12.9 x 2.0 inches
Display Area (WxH)
473.8 x 296.1 mm
(viewing area)
18.7 x 11.7 inches
Packaging (WxHxD)
610 x 490 x 194 mm
24.0 x 19.3 x 7.6 inches
Display weight
6.4 kg / 14.0 lb
Packaging/Display weight
12 kg / 26.4 lb
Part Number
98-0003-3598-8
Optional Remote On-screen
Display Module
Slim Design
(Part number: 30114)
Input Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com