Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC112 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC112
Description  150mA ULTRA LOW DROPOUT MICROPOWER LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC112 Datasheet(HTML) 4 Page - Semtech Corporation

  SC112 Datasheet HTML 1Page - Semtech Corporation SC112 Datasheet HTML 2Page - Semtech Corporation SC112 Datasheet HTML 3Page - Semtech Corporation SC112 Datasheet HTML 4Page - Semtech Corporation SC112 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
150mA ULTRA LOW DROPOUT
MICROPOWER LINEAR REGULATOR
SC112
PRELIMINARY - July 25, 2000
4
BLOCK DIAGRAM
PIN CONFIGURATION
PIN DESCRIPTION
Pin #
Pin Name
Description
1
EN
Active high enable pin. Connect to VIN if not being used.
2
GND
Ground pin. Use for heatsinking along with Pin #5.
3
BYP
Noise bypass pin. Connect a 10nF capacitor (required) between this pin and GND.
4
VO
Regulator output, supplying a guaranteed 150mA.
5
GND
Ground pin. Use for heatsinking along with Pin #2.
6
VIN
Power input pin.
Top View
SOT-23-6L
APPLICATION HINTS (Refer to Sheet 1):
(1) C
IN (C3) is needed if the device is far from the supply’s filter capac-
itors, or for operation from a battery. A value of 1.0µF or greater should
be used. C
IN may be tantalum or ceramic.
(2) C
O (C2) should be a 1µF or greater tantalum or ceramic capacitor,
with an Equivalent Series Resistance (ESR) between 10m
Ω and 1Ω
over temperature. Larger value capacitors will improve the overall tran-
sient response.
(3) C
BYP (C1 - required) should be placed as close as possible to pin 3
and ground. A 10nF ceramic capacitor is recommended.
(4) EN may be tied to V
IN if the shutdown feature is not required. Maxi-
mum EN voltage = V
IN.
(5) Connect both ground pins (2 and 5) to ground to maximize heat
conduction.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com