Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103CYFFR
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103CYFFR Datasheet(HTML) 3 Page - Texas Instruments

  TMP103CYFFR Datasheet HTML 1Page - Texas Instruments TMP103CYFFR Datasheet HTML 2Page - Texas Instruments TMP103CYFFR Datasheet HTML 3Page - Texas Instruments TMP103CYFFR Datasheet HTML 4Page - Texas Instruments TMP103CYFFR Datasheet HTML 5Page - Texas Instruments TMP103CYFFR Datasheet HTML 6Page - Texas Instruments TMP103CYFFR Datasheet HTML 7Page - Texas Instruments TMP103CYFFR Datasheet HTML 8Page - Texas Instruments TMP103CYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
THERMAL INFORMATION
TMP103
THERMAL METRIC(1)
YFF
UNITS
4
θJA
Junction-to-ambient thermal resistance
160
θJCtop
Junction-to-case (top) thermal resistance
75
θJB
Junction-to-board thermal resistance
76
°C/W
ψJT
Junction-to-top characterization parameter
3
ψJB
Junction-to-board characterization parameter
74
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
At TA = +25°C and V+ = +1.4V to +3.6V, unless otherwise noted.
TMP103
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
–10°C to +100°C, V+ = 1.8V
0
±2
°C
Accuracy (Temperature Error)
–40°C to +125°C, V+ = 1.8V
±1
±3
°C
vs Supply
±0.2
±0.5
°C/V
Resolution
1.0
°C
DIGITAL INPUT/OUTPUT
VIH
0.7 (V+)
V+
V
Input Logic Levels
VIL
–0.5
0.3 (V+)
V
Input Current
IIN
0
< VIN < (V+) + 0.3V
1
μA
V+
> 2V, IOL = 2mA
0
0.4
V
Output Logic Levels
VOL SDA
V+
< 2V, IOL = 2mA
0
0.2 (V+)
V
Resolution
8
Bit
Conversion Time
26
35
ms
CR1 = 0, CR0 = 0 (default)
0.25
Conv/s
CR1 = 0, CR0 = 1
1
Conv/s
Conversion Modes
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
8
Conv/s
Timeout Time
30
40
ms
POWER SUPPLY
Operating Supply Range
+1.4
+3.6
V
Serial Bus Inactive, CR1 = 0, CR0 = 0 (default), V+ = 1.8V
1.5
3
μA
Quiescent Current
IQ
Serial Bus Active, SCL Frequency = 400kHz
15
μA
Serial Bus Active, SCL Frequency = 3.4MHz
85
μA
Serial Bus Inactive, V+ = 1.8V
0.5
1
μA
Shutdown Current
ISD
Serial Bus Active, SCL Frequency = 400kHz
10
μA
Serial Bus Active, SCL Frequency = 3.4MHz
80
μA
TEMPERATURE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com