Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222AW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222AW
Description  NPN Silicon General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222AW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222AW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222AW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222AW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222AW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MMBT2222AW
NPN Silicon
General Purpose Transistor
20-Oct-2009 Rev. C
Page 1 of 4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Complementary PNP Type Available(MMBT2907AW)
Epitaxial Planar Die Construction
Ideal for Medium Power Amplification and Switching
MARKING CODE
MMBT2222AW
= K3P, 1P
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
75
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
6
V
Collector Currrent
IC
600
mA
Total Power Dissipation
PC
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
SOT-323


Similar Part No. - MMBT2222AW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT2222AW WEITRON-MMBT2222AW Datasheet
402Kb / 6P
NPN General Purpose Transistors
logo
Pan Jit International I...
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
MMBT2222AW KEXIN-MMBT2222AW Datasheet
51Kb / 2P
General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT2222AW SEMTECH_ELEC-MMBT2222AW Datasheet
258Kb / 4P
NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Foshan Blue Rocket Elec...
MMBT2222AW FOSHAN-MMBT2222AW Datasheet
1,004Kb / 6P
Silicon NPN transistor in a SOT-323 Plastic Package
More results

Similar Description - MMBT2222AW

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com