Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD4448HTW
Description  Surface Mount Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD4448HTW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD4448HTW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD4448HTW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
MMBD4448HAQW
Surface Mount Switching Diode Array
.055(1.40)
.047(1.20)
MAXIMUM RATINGS
(TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
RMS Reverse Voltage
Average Rectified out Current(Note 1)
VRRM
80
V
Forward Continuous Current (Note 1)
IFM
500
mA
Thermal Resistance Junction to Ambient Air (Note1)
R thJA
625
°C/W
Storage Temperature Range
Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage (Note 2)
V(BR)R
80
V
Forward Voltage (Note 2)
IF=5.0mA
0.62
0.72
IF=10mA
VF
0.855
IF=100mA
1.0
V
IF=150mA
1.25
Reverse Current (Note 2)
VR=70V
VR=75V, Tj=150OC
100
nA
VR=25V, Tj=150OC
IR
30
uA
VR=20V
25
nA
Total Capacitance VR=6V, f=1.0MHz
CT
3.5
pF
Reverse Recovery Time IF=IR=10mA, Irr=0.1XIR,RL=100 Ohms
t rr
4.0
nS
FEATURES
·
Case: SOT-363, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Weight: 0.006 grams (approx.)
·
Mounting Position: Any
MECHANICAL DATA
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
High Conductance Power dissipation
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Marking: KA5
Marking: KA6
Marking: KA7
Marking: KAB
Marking: KAA
ADW/CDW/SDW/TW
O
1
2
3
5
6
4
01-J
an-2006 Rev. B
Page 1 of 2
VR(RMS)
Io
50
uA
57
V
250
mA
Ð
Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
Note 2. S hort duration test pulse used to minimize self-heating.
1
1
1
1
1
2
2
2
2
2
6
3
3
3
3
3
4
4
4
4
4
5
5
5
5
5
6
6
6
6
MMBD4448HAQW
MMBD4448HADW
MMBD4448HCDW
MMBD4448HSDW
MMBD4448HTW
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
77Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HTW DIODES-MMBD4448HTW Datasheet
440Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Guangdong Kexin Industr...
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
logo
Weitron Technology
MMBD4448HTW WEITRON-MMBD4448HTW Datasheet
2Mb / 4P
Surface Mount Switching Multi-Chip Diode Array
logo
Micro Commercial Compon...
MMBD4448HTW MCC-MMBD4448HTW Datasheet
190Kb / 4P
200mW Switching Diodes
More results

Similar Description - MMBD4448HTW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com