Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1146CSW.TR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1146CSW.TR
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146CSW.TR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1146CSW.TR Datasheet HTML 2Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 3Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 4Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 5Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 6Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 7Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 8Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 9Page - Semtech Corporation SC1146CSW.TR Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
8
The SC1146 is patent pending
FUNCTIONAL DESCRIPTION
The SC1146 is a programmable, high performance,
multi-phase controller designed for the most demand-
ing DC/DC converter applications in which transient
response, space, input ripple current and component
form factor and cost are paramount. The SC1146 is
configured to operate with external MOSFET drivers,
such as the SC1405, in high efficiency synchronous
applications (See Evaluation Board Schematic).
The SC1146 based dc/dc converter consists of four
buck converter controllers integrated and synchro-
nized. The high clock frequency allows for smaller in-
ductor values and miniature surface mount, low induc-
tance output capacitors. Since each stage has ¼ the
output current, the conduction losses in each stage is
reduced by a factor of 1/16. Precision active trimming
ensures 1% matching of duty cycles among phases,
thus ensuring the heat and component stress is shared
equally. The SC1146 may also be configured in asyn-
chronous mode by using buffer transistors.
DECODER/BIAS GENERATOR/PWM CONTROLLER
The 8 MHz clock is divided down to 2 MHz for four
phase operation by the clock decoder. The start of the
output pulses are time shifted 90 degrees by the de-
coder with respect to each other. The Bias Generator
generates the ramps to each phase by a precision
trimmed current source and on-chip capacitors. The
decoder, which is synchronized to the bias generator
via the master clock, phase shifts the ramps and en-
ables the PWM controller sequentially. A resistor from
R
REF pin to FBG programs the frequency and ramp time.
Clock Freq = (8.2K/Rref) *8Mhz
The ramps are then compared to the error amplifier out-
put at the high speed PWM comparator inputs. The con-
troller outputs are buffered versions of the comparator
outputs.
ERROR AMPLIFIER
At the heart of the controller is an ultra-fast, transcon-
ductance error amplifier. Since the output inductor val-
ues can be selected to be a minimum, usually less than
a micro-Henry, the delays due to inductor ramp time are
minimized during transient load recovery. The higher
frequency of operation also allows use of much smaller
capacitance on the output. This means that the dc/dc
converter output capacitors “hold time” is less. The error
amplifier must therefore respond extremely fast
“Recover the Fort” after a transient. The SC1146 error
amplifier recovers to its normal duty cycle after applica-
tion of a full load transient within 2 usec maximum,
(largely dependant on supply quality) and usually within
1usec. This minimizes undershoot and overshoot during
application of a transient.
THEORY OF OPERATION
Fig. 2: The four Gate Drives firing 90° out of phase.
V
OUT = 1.0V, IOUT = 10A,Vcc2=12V, Asynchronous
operation.
Fig. 1: V
OUT Ripple, VOUT = 1.0V, IOUT = 30A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com