Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1153 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1153
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1153 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1153 Datasheet HTML 1Page - Semtech Corporation SC1153 Datasheet HTML 2Page - Semtech Corporation SC1153 Datasheet HTML 3Page - Semtech Corporation SC1153 Datasheet HTML 4Page - Semtech Corporation SC1153 Datasheet HTML 5Page - Semtech Corporation SC1153 Datasheet HTML 6Page - Semtech Corporation SC1153 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SC1153
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - October 3, 2000
2
NOTE:
(1) Specification refers to application circuit (Figure 1.).
(2) This part is ESD sensitive. Use of standard ESD handling precautions is required.
ELECTRICAL CHARACTERISTICS
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; FB = VO; 0mV < (CS(+) - CS(-)) < 60mV; TJ = 25
oC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
I
O = 2A
(1)
See Output Voltage Table.
Supply Voltage
V
CC
4.2
7
V
Supply Current
V
CC = 5.0
5
mA
Load Regulation
I
O = 0.3A to 15A
(1)
1%
Line Regulation
All VID codes
(1)
0.5
%
Gain (A
OL)VOSENSE to VO
35
dB
Current Limit Voltage
60
70
80
mV
Oscillator Frequency
180
200
220
kHz
Oscillator Max Duty Cycle
90
95
%
DH Sink/Source Current
BST
H - DH = 4.5V, DH - PGNDH = 2V
1
A
DL Sink/Source Current
BST
L - DL = 4.5V, DL - PGNDL = 2V
1
A
OVP Threshold Voltage
120
%
OVP Source Current
V
OVP = 3V
10
mA
Power Good Threshold
Voltage
90
110
%
Dead Time
50
100
ns
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
V
CC to GND
V
IN
-0.3 to 7
V
PGND to GND
± 1
V
BST to GND
-0.3 to 15
V
Thermal Resistance
Junction to Case
θ
JC
30
°C/W
Thermal Resistance
Junction to Ambient
θ
JA
90
°C/W
Operating
Temperature Range
T
A
0 to 70
°C
Storage
Temperature Range
T
STG
-65 to +150
°C
Lead Temperature
(Soldering) 10 sec
T
LEAD
300
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com