Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD9575 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD9575
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD9575 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD9575 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD9575 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD9575 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD9575 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
The SSD9575 provide the designer with the best combination of
Features
* Low On-Resistance
*
Simple Drive Requirement
The TO-252 is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
fast switching, ruggerized device device design, low on-resistance
and cost -effectiveness.
TO-252
Elektronische Bauelemente
SSD9575
-15A, -60V,RDS(ON)90m
P-Channel Enhancement Mode Power Mos.FET
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
S
D
G
* Fast Switching
Absolute Maximum Ratings
Drain-Source Voltage
0.29
3.5
-45
-15
-9.5
36
-60
± 25
W/ C
C
Tj, Tstg
-55~+150
o
o
Thermal Resistance Junction-case
/W
C
Rthj-c
Total Power Dissipation
Parameter
Symbol
Ratings
Unit
A
V
V
A
A
ID@TC=
W
VDS
VGS
ID@TC=25
IDM
PD@TC=
100 C
o
1
C
o
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
/W
C
Rthj-a
Max.
Max.
110
o
o
Gate-Source Voltage
Continuous Drain Current,VGS@10V
Continuous Drain Current,VGS@10V
Pulsed Drain Current
h
ttp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
such as DC/DC converters.
25 C
o
RoHS Compliant Product


Similar Part No. - SSD9575

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD9575 SECOS-SSD9575_15 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SSD9575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMG2305A SECOS-SMG2305A Datasheet
349Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com