Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4403
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSG4403
P-Ch Enhancement Mode Power MOSFET
-6.1 A, -30 V, RDS(ON) 50 mΩ
Ω
Ω
Ω
29-Oct-2009 Rev. B
Page 1 of 3
A
H
B
M
D
C
J
K
F
L
E
N
G
4403SC
1
S
S
S
G
D
D
D
D
= Date Code
2
3
4
5
6
7
8
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4403 uses advanced trench technology
to provide excellent on-resistance, low gate charge and
operation with gate voltages as low as 2.5V.
The device is suitable for use as a load switch or
in PWM applications.
FEATURES
Low Gate Charge
Lower On-resistance
Fast Switching Characteristic
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
3
ID @Ta=25℃
-6.1
A
Continuous Drain Current
3
ID @Ta=70℃
-5.1
A
Pulsed Drain Current
1
IDM
-60
A
Total Power Dissipation
PD @Ta=25℃
2.5
W
Linear Derating Factor
0.02
W/℃
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
THERMAL DATA
Thermal Resistance Junction-ambient
3
Max.
Rθj-amb
50
℃/W
P-CHANNEL ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250µA
Gate Threshold Voltage
VGS(th)
-0.7
-
-1.3
V
VDS=VGS, ID=-250µA
Forward Transconductance
gfs
-
11
-
S
VDS=-5V, ID=-5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25℃)
-
-
-1
µA
VDS=-30V, VGS=0
Drain-Source Leakage Current(Tj=55℃)
IDSS
-
-
-5
µA
VDS=-24V, VGS=0
-
-
50
VGS=-10V, ID=-6.1A
-
-
61
VGS=-4.5V, ID=-5A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
117
m
VGS=-2.5 V, ID=-1 A
Total Gate Charge
2
Qg
-
9.4
-
Gate-Source Charge
Qgs
-
2
-
Gate-Drain (“Miller”) Change
Qgd
-
3
-
nC
ID=-5 A
VDS=-15 V
VGS=-4.5 V
Turn-on Delay Time
2
Td(on)
-
7.6
-
Rise Time
Tr
-
8.6
-
Turn-off Delay Time
Td(off)
-
44.7
-
Fall Time
Tf
-
16.5
-
ns
VDS=-15 V
ID=-10 V
RG=6
RL=2.4
Input Capacitance
Ciss
-
940
-
Output Capacitance
Coss
-
104
-
Reverse Transfer Capacitance
Crss
-
73
-
pF
VGS=0 V
VDS=-15 V
f=1.0 MHz
SOURCE-DRAIN DIODE
Forward On Voltage
2
VSD
-
-
-1.0
V
IS=-1A, VGS=0 V
Continuous Source Current (Body Diode)
IS
-
-
-4.2
A
Reverse Recovery Time
2
Trr
-
22.7
-
ns
Reverse Recovery Charge
Qrr
-
15.9
-
nC
IS = -5A, VGS = 0V,
dl/dt = 100A/µs
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300µs, duty cycle≦2%.
3. Surface Mounted on 1 in
2 copper pad of FR4 board; 125 °C/W when mounted on Min. copper pad.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
Source
Drain
Gate


Similar Part No. - SSG4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4403 SECOS-SSG4403 Datasheet
928Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com