Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1157 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1157
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1157 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1157 Datasheet HTML 1Page - Semtech Corporation SC1157 Datasheet HTML 2Page - Semtech Corporation SC1157 Datasheet HTML 3Page - Semtech Corporation SC1157 Datasheet HTML 4Page - Semtech Corporation SC1157 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SC1157
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Preliminary - August 7, 2000
2
NOTE:
(1) Specification refers to application circuit (Figure 1.).
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
ELECTRICAL CHARACTERISTICS
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; FB = VO; 0mV < (CS(+) - CS(-)) < 60mV; TJ = 25
oC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
See Table 1.
Supply Voltage
V
CC
4.5
7
V
Supply Current
V
CC = 5.0
8
15
mA
Load Regulation
I
O = 0.3A to 15A
(1)
1%
Line Regulation
All VID codes
(1)
+0.15
%
Gain (A
OL)VOSENSE to VO
35
dB
Current Limit Voltage
60
70
80
mV
Oscillator Frequency
125
140
155
kHz
Buffered Reference Voltage
I
REF ≤
=1mA
1.25
V
Oscillator Max Duty Cycle
90
95
%
DH Sink/Source Current
BST
H - DH = 4.5V, DH - PGNDH = 3V
1
A
DL Sink/Source Current
BST
L - DL = 4.5V, DL - PGNDL = 3V
1
A
Dead Time
50
100
ns
VID Pin Source current
VIDx < 2.4V
30
100
uA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
V
CC to GND
V
IN
-0.3 to 7
V
PGND to GND
± 1
V
BST to GND
-0.3 to 15
V
Thermal Resistance Junction to Case
θ
JC
30
°C/W
Thermal Resistance Junction to Ambient
θ
JA
130
°C/W
Operating Temperature Range
T
A
0 to 70
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 sec
T
LEAD
300
°C
ESD Rating (Human Body Model)
ESD
1.5
kV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com