Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4542C Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4542C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4542C Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG4542C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4542C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4542C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4542C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4542C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4542C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Elektronische Bauelemente
SSG4542C
N-Ch: 8.3 A, 40 V, RDS(ON) 14 m
P-Ch: -7.6 A, -40 V, RDS(ON) 28 m
N & P-Ch Enhancement Mode Power MOSFET
27-Dec-2010 Rev. B
Page 4 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com