Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4543C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4543C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4543C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4543C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4543C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4543C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4543C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4543C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4543C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
SSG4543C
N-Ch: 6.5 A, 40 V, RDS(ON) 32 m
P-Ch: -7.6 A, -40 V, RDS(ON) 30 m
N & P-Ch Enhancement Mode Power MOSFET
27-Dec-2010 Rev. C
Page 2 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol Ch
Min.
Typ.
Max.
Unit
Teat Conditions
Static
N
1
-
-
VDS= VGS, ID= 250μA
Gate Threshold Voltage
VGS(th)
P
-1
-
-
V
VDS= VGS, ID= -250μA
N
-
-
±100
VDS= 0V, VGS= 20V
Gate-Body Leakage Current
IGSS
P
-
-
±100
nA
VDS= 0V, VGS= -20V
N
-
-
1
VDS= 32V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
P
-
-
-1
μA
VDS= -32V, VGS= 0V
N
25
-
-
VDS= 5V, VGS= 10V
On-State Drain Current
1
ID(on)
P
-50
-
-
A
VDS= -5V, VGS= -10V
-
-
32
VGS= 10V, ID= 6.5A
N
-
-
42
VGS= 4.5V, ID= 5.7A
-
-
30
VGS= -10V, ID= -7.6A
Drain-Source On-Resistance
1
RDS(ON)
P
-
-
40
mΩ
VGS= -4.5V, ID= -6.2A
N
-
40
-
VDS= 15V, ID= 6.5A
Forward Transconductance
1
gfs
P
-
31
-
S
VDS= -15V, ID= -7.6A
Dynamic
2
N
-
13
-
Total Gate Charge
Qg
P
-
14
-
N
-
3.3
-
Gate-Source Charge
Qgs
P
-
5.8
-
N
-
4.5
-
Gate-Drain Charge
Qgd
P
-
12
-
nC
N-Channel
ID= 6.5A, VDS= 15V, VGS= 4.5V
P-Channel
ID= -7.6A, VDS= -15V, VGS= -4.5V
N
-
440
-
Input Capacitance
CISS
P
-
1800
-
N
-
80
-
Output Capacitance
COSS
P
-
280
-
N
-
130
-
Reverse Transfer Capacitance
CRSS
P
-
150
-
pF
N-Channel
VDS= 15V, VGS= 0V, f= 1MHz
P-Channel
VDS= -15V, VGS= 0V, f= 1MHz
N
-
20
-
Turn-On Delay Time
Td(on)
P
-
15
-
N
-
9
-
Rise Time
Tr
P
-
16
-
N
-
70
-
Turn-Off Delay Time
Td(off)
P
-
62
-
N
-
20
-
Fall Time
Tf
P
-
46
-
nS
N-Channel
VDD= 15V, VGS= 10V
ID= 1A, RGEN= 25Ω
P-Channel
VDD= -15V, VGS= -10V
ID= -1A, RGEN= 15Ω
Notes
1.
Pulse test:PW ≦ 300
μs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com