Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155CSW.TR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1155CSW.TR
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSW.TR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1155CSW.TR Datasheet HTML 5Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 6Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 7Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 8Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 9Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 10Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 11Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 12Page - Semtech Corporation SC1155CSW.TR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SC1155
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
WITH VRM 9.0 VID RANGE
© 2000 SEMTECH CORP.
PRELIMINARY - August 7, 2000
9
TYPICAL PERFORMANCE CURVES
5V Efficiency
5V Regulation
SC1155 Effiency, 5Vin
75%
77%
79%
81%
83%
85%
87%
89%
91%
93%
95%
0
2
4
6
8
10
12
14
16
18
20
Current, A
1.85Vout
1.50Vout
1.10Vout
SC1155 Voltage Regulation, 5Vin
-3%
-2%
-1%
0%
1%
2%
3%
0
2
4
6
8
101214
1618
20
Current, A
1.85Vout
1.50Vout
1.10Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com