Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F28023DAS Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 18Page - Texas Instruments TMS320F28023DAS Datasheet HTML 19Page - Texas Instruments TMS320F28023DAS Datasheet HTML 20Page - Texas Instruments TMS320F28023DAS Datasheet HTML 21Page - Texas Instruments TMS320F28023DAS Datasheet HTML 22Page - Texas Instruments TMS320F28023DAS Datasheet HTML 23Page - Texas Instruments TMS320F28023DAS Datasheet HTML 24Page - Texas Instruments TMS320F28023DAS Datasheet HTML 25Page - Texas Instruments TMS320F28023DAS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
www.ti.com
3.3
Brief Descriptions
3.3.1
CPU
The 2802x (C28x) family is a member of the TMS320C2000™ microcontroller (MCU) platform. The
C28x-based controllers have the same 32-bit fixed-point architecture as existing C28x MCUs. It is a very
efficient C/C++ engine, enabling users to develop not only their system control software in a high-level
language, but also enabling development of math algorithms using C/C++. The device is as efficient at
MCU math tasks as it is at system control tasks that typically are handled by microcontroller devices. This
efficiency removes the need for a second processor in many systems. The 32 x 32-bit MAC 64-bit
processing capabilities enable the controller to handle higher numerical resolution problems efficiently.
Add to this the fast interrupt response with automatic context save of critical registers, resulting in a device
that is capable of servicing many asynchronous events with minimal latency. The device has an
8-level-deep protected pipeline with pipelined memory accesses. This pipelining enables it to execute at
high speeds without resorting to expensive high-speed memories. Special branch-look-ahead hardware
minimizes the latency for conditional discontinuities. Special store conditional operations further improve
performance.
3.3.2
Memory Bus (Harvard Bus Architecture)
As with many MCU-type devices, multiple busses are used to move data between the memories and
peripherals and the CPU. The memory bus architecture contains a program read bus, data read bus, and
data write bus. The program read bus consists of 22 address lines and 32 data lines. The data read and
write busses consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable
single cycle 32-bit operations. The multiple bus architecture, commonly termed Harvard Bus, enables the
C28x to fetch an instruction, read a data value and write a data value in a single cycle. All peripherals and
memories attached to the memory bus prioritize memory accesses. Generally, the priority of memory bus
accesses can be summarized as follows:
Highest:
Data Writes
(Simultaneous data and program writes cannot occur on the
memory bus.)
Program Writes
(Simultaneous data and program writes cannot occur on the
memory bus.)
Data Reads
Program Reads
(Simultaneous program reads and fetches cannot occur on the
memory bus.)
Lowest:
Fetches
(Simultaneous program reads and fetches cannot occur on the
memory bus.)
3.3.3
Peripheral Bus
To enable migration of peripherals between various Texas Instruments (TI) MCU family of devices, the
devices adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge multiplexes
the various busses that make up the processor Memory Bus into a single bus consisting of 16 address
lines and 16 or 32 data lines and associated control signals. Three versions of the peripheral bus are
supported. One version supports only 16-bit accesses (called peripheral frame 2). Another version
supports both 16- and 32-bit accesses (called peripheral frame 1).
3.3.4
Real-Time JTAG and Analysis
The devices implement the standard IEEE 1149.1 JTAG(1) interface for in-circuit based debug.
Additionally, the devices support real-time mode of operation allowing modification of the contents of
memory, peripheral, and register locations while the processor is running and executing code and
servicing interrupts. The user can also single step through non-time-critical code while enabling
time-critical interrupts to be serviced without interference. The device implements the real-time mode in
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and Boundary Scan Architecture
22
Functional Overview
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com