Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1786L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1786L-S08-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1786L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1786L-S08-R Datasheet HTML 1Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 2Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 3Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 4Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 5Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 6Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 7Page - Unisonic Technologies P1786L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1786
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R103-038.B
PWM CONTROL 3A
STEP-DOWN CONVERTER
DESCRIPTION
UTC P1786 consists of 3A step-down switching regulator control
which includes a reference voltage source, oscillation circuit, error
amplifier, internal PMOS and etc with PWM.
UTC P1786 can provide low-ripple power, high efficiency, and
excellent transient characteristics. An enable function, an over
current protect and short circuit protect function are built inside, so
the operation frequency can be reduced from 300KHz to 30KHz
when OCP or SCP happens. The PWM control circuit can vary the
duty ratio linearly from 100 down to 0%. This converter also includes
an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. Also, to minimum external component counts
for an internal compensation block is built in.
These ICs can work as step-down switching regulators with the
addition of an internal P-channel Power MOS, a coil, capacitors, and
a diode connected externally. They provide such outstanding
features: low current consumption. It is also suitable for the
operation via an AC adapter because this converter accommodate
an input voltage up to 23V.
FEATURES
* Input voltage: 4.0V ~ 23V
* Output voltage: 0.8V ~ VCC
* Duty ratio: 0% to 100% PWM control
* Oscillation frequency: 300KHz typ.
* Soft-start, current limit, enable function
* Thermal shutdown function
* Built-in internal SW P-channel MOS
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P1786L-S08-R
P1786G-S08-R
SOP-8
Tape Reel


Similar Part No. - P1786L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1786L-S08-R UTC-P1786L-S08-R Datasheet
195Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1786L-S08-R UTC-P1786L-S08-R Datasheet
254Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P1786L-S08-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com