Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1786G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P1786G-S08-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1786G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  P1786G-S08-R Datasheet HTML 1Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 2Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 3Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 4Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 5Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 6Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 7Page - Unisonic Technologies P1786G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P1786
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-038.B
TYPICAL CHARACTERISTICS
0
340
310
Input Voltage, VIN (V)
Input Voltage vs. Frequency
25
10
520
300
315
335
350
325
305
320
330
345
15
0
0.82
0.76
Input Voltage vs. FB
25
10
520
0.74
0.77
0.81
0.84
0.79
0.75
0.78
0.80
0.83
15
Input Voltage, VIN (V)
VOUT=3.3V
IOUT=0.2A
VOUT=3.3V
IOUT=0.2A
0
3.35
3.15
Input Voltage, VIN (V)
Line Regulation
25
10
520
3.10
3.20
3.40
3.25
3.30
15
VOUT=3.3V
IOUT=0.2A
0.0
5.08
5.02
Output Current, IOUT (A)
Load Regulation
4.0
2.0
1.0
3.0
5.00
5.03
5.07
5.10
5.05
5.01
5.04
5.06
5.09
VIN=12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com